Electronic Components Datasheet Search
  English  ▼

X  

IRFF320 Datasheet(PDF) 2 Page - Intersil Corporation

Part # IRFF320
Description  2.5A, 400V, 1.800 Ohm, N-Channel Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IRFF320 Datasheet(HTML) 2 Page - Intersil Corporation

  IRFF320 Datasheet HTML 1Page - Intersil Corporation IRFF320 Datasheet HTML 2Page - Intersil Corporation IRFF320 Datasheet HTML 3Page - Intersil Corporation IRFF320 Datasheet HTML 4Page - Intersil Corporation IRFF320 Datasheet HTML 5Page - Intersil Corporation IRFF320 Datasheet HTML 6Page - Intersil Corporation IRFF320 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
Absolute Maximum Ratings
TC = 25
oC, Unless Otherwise Specified
IRFF320
UNITS
Drain to Source Voltage (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .VDS
400
V
Drain to Gate Voltage (RGS = 20kΩ) (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VDGR
400
V
Continuous Drain Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ID
2.5
A
Pulsed Drain Current (Note 3) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . IDM
10
A
Gate to Source Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .VGS
20
V
Maximum Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .PD
20
W
Linear Derating Factor . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
0.16
W/oC
Single Pulse Avalanche Energy Rating (Note 4) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .EAS
100
mJ
Operating and Storage Junction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TJ, TSTG
Temperature Range
-55 to 150
oC
Maximum Temperature for Soldering
Leads at 0.063in (1.6mm) from Case for 10s . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TL
Package Body for 10s, See Techbrief 334 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .Tpkg
300
260
oC
oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1. TJ = 25
oC to 125oC.
Electrical Specifications
TC = 25
oC, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Drain to Source Breakdown Voltage
BVDSS
VGS = 0V, ID = 250µA (Figure 10)
400
-
-
V
Gate to Source Leakage Current
IGSS
VGS = ±20V
-
-
±100
nA
Zero-Gate Voltage Drain Current
IDSS
VDS = Rated BVDSS, VGS = 0V
-
-
25
µA
VDS = 0.8 x Rated BVDSS, VGS = 0V, TJ = 125
oC
-
-
250
µA
On-State Drain Current (Note 2)
ID(ON)
VDS > ID(ON) x rDS(ON)MAX, VGS = 10V (Figure 7)
2.5
-
-
A
Gate to Threshold Voltage
VGS(TH)
VGS = VDS, ID = 250µA
2.0
-
4.0
V
Drain to Source On Resistance (Note 2)
rDS(ON)
VGS = 10V, ID = 1.25A (Figures 8, 9)
-
1.5
1.800
Ω
Forward Transconductance (Note 2)
gfs
VDS ≥ 10V, ID = 2.0A (Figure 12)
1.7
2.2
-
S
Turn-On Delay Time
td(ON)
VDD = 0.5 x Rated BVDSS, ID ≈ 2.5A, RG = 9.1Ω,
VGS = 10V, RL = 78.2Ω For VDSS = 200V,
RL = 68.2Ω For VDSS = 175V (Figures 17, 18),
MOSFET Switching Times are Essentially
Independent of Operating Temperature
-20
40
ns
Rise Time
tr
-25
50
ns
Turn-Off Delay Time
td(OFF)
-
50
100
ns
Fall Time
tf
-25
50
ns
Total Gate Charge
(Gate to Source + Gate to Drain)
Qg(TOT)
VGS = 10V, ID = 2.5A, VDS = 0.8 x Rated BVDSS,
IG(REF) = 1.5mA (Figures 14, 19, 20) Gate Charge is
Essentially Independent of Operating Temperature
-12
15
nC
Gate to Source Charge
Qgs
-
6.0
-
nC
Gate to Drain “Miller” Charge
Qgd
-
6.0
-
nC
Input Capacitance
CISS
VGS = 0V, VDS = 25V, f = 1.0MHz (Figure 11)
-
450
-
pF
Output Capacitance
COSS
-
100
-
pF
Reverse Transfer Capacitance
CRSS
-20
-
pF
Internal Drain Inductance
LD
Measured from the Drain
Lead, 5mm (0.2in) from
Header to Center of Die
Modified MOSFET
Symbol Showing the
Internal Device
Inductances
-
5.0
-
nH
Internal Source Inductance
LS
Measured from the
Source Lead, 5mm
(0.2in) from Header to
Source Bonding Pad
-15
-
nH
Thermal Resistance Junction to Case
RθJC
-
-
6.25
oC/W
Thermal Resistance Junction to Ambient
RθJA
Free Air Operation
-
-
175
oC/W
LD
LS
D
S
G
IRFF320



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com