Electronic Components Datasheet Search
  English  ▼

X  

IRFF430 Datasheet(PDF) 5 Page - Intersil Corporation

Part # IRFF430
Description  2.75A, 500V, 1.500 Ohm, N-Channel Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IRFF430 Datasheet(HTML) 5 Page - Intersil Corporation

  IRFF430 Datasheet HTML 1Page - Intersil Corporation IRFF430 Datasheet HTML 2Page - Intersil Corporation IRFF430 Datasheet HTML 3Page - Intersil Corporation IRFF430 Datasheet HTML 4Page - Intersil Corporation IRFF430 Datasheet HTML 5Page - Intersil Corporation IRFF430 Datasheet HTML 6Page - Intersil Corporation IRFF430 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
FIGURE 10. NORMALIZED DRAIN TO SOURCE BREAKDOWN
VOLTAGE vs JUNCTION TEMPERATURE
FIGURE 11. CAPACITANCE vs DRAIN TO SOURCE VOLTAGE
FIGURE 12. TRANSCONDUCTANCE vs DRAIN CURRENT
FIGURE 13. SOURCE TO DRAIN DIODE VOLTAGE
FIGURE 14. GATE TO SOURCE VOLTAGE vs GATE CHARGE
Typical Performance Curves Unless Otherwise Specified (Continued)
1.25
1.05
0.85
0
160
TJ, JUNCTION TEMPERATURE (
oC)
1.15
0.95
0.75
-40
40
80
120
VDS, DRAIN TO SOURCE VOLTAGE (V)
2000
1600
1200
800
400
0
VGS = 0V, f = 1MHz
CISS = CGS + CGD
CRSS = CGD
COSS
≈ CDS + CGD
CISS
COSS
CRSS
1
1020304050
ID, DRAIN CURRENT (A)
12
3
4
05
5
4
3
0
2
1
TJ = 125
oC
TJ = 25
oC
TJ = -55
oC
80
µs PULSE TEST
TJ = 150
oC
VSD, SOURCE TO DRAIN VOLTAGE (V)
100
10
1
01234
TJ = 25
oC
TJ = 150
oC
TJ = 25
oC
80
µs PULSE TEST
Qg(TOT), TOTAL GATE CHARGE (nC)
816
24
32
040
20
15
0
10
5
ID = 2.75A
VDS = 400V
VDS = 250V
VDS = 100V
IRFF430



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com