Electronic Components Datasheet Search
  English  ▼

X  

IRFF9130 Datasheet(PDF) 2 Page - Intersil Corporation

Part # IRFF9130
Description  -6.5A, -100V, 0.300 Ohm, P-Channel Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IRFF9130 Datasheet(HTML) 2 Page - Intersil Corporation

  IRFF9130 Datasheet HTML 1Page - Intersil Corporation IRFF9130 Datasheet HTML 2Page - Intersil Corporation IRFF9130 Datasheet HTML 3Page - Intersil Corporation IRFF9130 Datasheet HTML 4Page - Intersil Corporation IRFF9130 Datasheet HTML 5Page - Intersil Corporation IRFF9130 Datasheet HTML 6Page - Intersil Corporation IRFF9130 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
4-102
Absolute Maximum Ratings
TC = 25
oC, Unless Otherwise Specified
IRFF9130
UNITS
Drain to Source Voltage (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VDS
-100
V
Drain to Gate Voltage (RGS = 20MΩ) (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VDGR
-100
V
Continuous Drain Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ID
-6.5
A
Pulsed Drain Current (Note 3) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .IDM
-26
A
Gate to Source Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VGS
±20
V
Maximum Power Dissipation (Figure 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . PD
25
W
Linear Derating Factor (Figure 1). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
0.2
W/oC
Single Pulse Avalanche Energy Rating (Note 4) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . EAS
500
mJ
Operating and Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TJ, TSTG
-55 to 150
oC
Maximum Temperature for Soldering
Leads at 0.063in (1.6mm) from Case for 10s . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .TL
300
oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1. TJ = 25
oC to 125oC.
Electrical Specifications
TC = 25
oC, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Drain to Source Breakdown Voltage
BVDSS
VGS = 0V, ID = -250µA, (Figure 10)
-100
-
-
V
Gate to Threshold Voltage
VGS(TH)
VGS = VDS, ID = -250µA
-2.0
-
-4.0
V
Zero-Gate Voltage Drain Current
IDSS
VDS = Rated BVDSS, VGS = 0V
-
-
-25
µA
VDS = 0.8 x Rated BVDSS, VGS = 0V, TC = 125
oC
-
-
-250
µA
On-State Drain Current (Note 2)
ID(ON)
VDS > ID(ON) x rDS(ON)MAX, VGS = -10V
-6.5
-
-
A
Gate to Source Leakage
IGSS
VGS = ±20V
-
-
±100
nA
Drain to Source On Resistance (Note 2)
rDS(ON)
VGS = -10V, ID = -3A, (Figures 8, 9)
-
0.25
0.300
Ω
Forward Transconductance (Note 2)
gfs
VDS ≥ ID(ON) x rDS(ON)MAX, ID = -3A,
(Figure 12)
2.5
3.5
-
S
Turn-On Delay Time
td(ON)
VDD = 0.5 x Rated BVDSS, ID ≈ -6.5A, RG = 9.1Ω,
RL = 7.4Ω for BVDSS = -100V
RL =5.8Ω for BVDSS = -80V
(Figures 17, 18) MOSFET Switching Times are Es-
sentially Independent of Operating Temperature
-30
60
ns
Rise Time
tr
-
70
140
ns
Turn-Off Delay Time
td(OFF)
-
70
140
ns
Fall Time
tf
-
70
140
ns
Total Gate Charge
(Gate to Source + Gate to Drain)
Qg(TOT)
VGS = -10V, ID = -6.5A, VDS = 0.8 x Rated BVDSS,
IG(REF) = -1.5mA, (Figures 14, 19, 20)
Gate Charge is Essentially Independent of
Operating Temperature
-25
45
nC
Gate to Source Charge
Qgs
-13
-
nC
Gate to Drain “Miller” Charge
Qgd
-12
-
nC
Input Capacitance
CISS
VGS = 0V, VDS = -25V, f = 1.0MHz, (Figure 11)
-
500
-
pF
Output Capacitance
COSS
-
300
-
pF
Reverse-Transfer Capacitance
CRSS
-
100
-
pF
Internal Drain Inductance
LD
Measured From the
Drain Lead, 5mm (0.2in)
From Package to Center
of Die
Modified MOSFET Sym-
bol Showing the Internal
Devices
Inductances
-
5.0
-
nH
Internal Source Inductance
LS
Measured From The
Source Lead, 5mm
(0.2in) From Header to
Source Bonding Pad
-15
-
nH
Junction to Case
RθJC
-
-
5.0
oC/W
Junction to Ambient
RθJA
Typical Socket Mount
-
-
175
oC/W
LS
LD
G
D
S
IRFF9130



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com