Electronic Components Datasheet Search
  English  ▼

X  

IRFP450 Datasheet(PDF) 4 Page - Intersil Corporation

Part # IRFP450
Description  14A, 500V, 0.400 Ohm, N-Channel Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IRFP450 Datasheet(HTML) 4 Page - Intersil Corporation

  IRFP450 Datasheet HTML 1Page - Intersil Corporation IRFP450 Datasheet HTML 2Page - Intersil Corporation IRFP450 Datasheet HTML 3Page - Intersil Corporation IRFP450 Datasheet HTML 4Page - Intersil Corporation IRFP450 Datasheet HTML 5Page - Intersil Corporation IRFP450 Datasheet HTML 6Page - Intersil Corporation IRFP450 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4-356
FIGURE 4. FORWARD BIAS SAFE OPERATING AREA
FIGURE 5. OUTPUT CHARACTERISTICS
FIGURE 6. SATURATION CHARACTERISTICS
FIGURE 7. TRANSFER CHARACTERISTICS
NOTE: Heating effect of 2
µs is minimal.
FIGURE 8. DRAIN TO SOURCE ON RESISTANCE vs GATE
VOLTAGE AND DRAIN CURRENT
FIGURE 9. NORMALIZED DRAIN TO SOURCE ON
RESISTANCE vs JUNCTION TEMPERATURE
Typical Performance Curves
Unless Otherwise Specified
(Continued)
110
102
103
VDS, DRAIN TO SOURCE VOLTAGE (V)
103
102
10
1
0.1
SINGLE PULSE
TJ = MAX RATED
BY rDS(ON)
AREA IS LIMITED
OPERATION IN THIS
10
µs
100
µs
1ms
10ms
DC
0
50
100
150
200
4
8
12
16
20
250
VDS, DRAIN TO SOURCE VOLTAGE (V)
PULSE DURATION = 80
µs
0
VGS = 10V
VGS = 6.0V
VGS = 4.5V
VGS = 4.0V
VGS = 5.5V
VGS = 5.0V
DUTY CYCLE = 0.5% MAX
0
4
0
3
69
15
8
12
VDS, DRAIN TO SOURCE VOLTAGE (V)
16
12
20
VGS = 10V
VGS = 4.5V
VGS = 5.5V
VGS = 6.0V
VGS = 5.0V
VGS = 4.0V
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
102
10
1
0.1
10-2
0246810
VGS, GATE TO SOURCE VOLTAGE (V)
TJ = 150
oC
TJ = 25
oC
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
VDS ≥ 50V
0.3
0.6
10
20
30
40
ID, DRAIN CURRENT (A)
50
0.7
0
0.4
0.5
0.8
VGS = 20V
VGS = 10V
60
70
0.9
10
PULSE DURATION = 2
µs
DUTY CYCLE = 0.5% MAX
3.0
1.8
1.2
0.6
0
-40
0
40
TJ, JUNCTION TEMPERATURE (
oC)
120
2.4
80
160
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
VGS = 10V, ID = 7.9A
IRFP450



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com