Electronic Components Datasheet Search
  English  ▼

X  

IRFP460 Datasheet(PDF) 2 Page - Intersil Corporation

Part # IRFP460
Description  20A, 500V, 0.270 Ohm, N-Channel Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IRFP460 Datasheet(HTML) 2 Page - Intersil Corporation

  IRFP460 Datasheet HTML 1Page - Intersil Corporation IRFP460 Datasheet HTML 2Page - Intersil Corporation IRFP460 Datasheet HTML 3Page - Intersil Corporation IRFP460 Datasheet HTML 4Page - Intersil Corporation IRFP460 Datasheet HTML 5Page - Intersil Corporation IRFP460 Datasheet HTML 6Page - Intersil Corporation IRFP460 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
4-360
Absolute Maximum Ratings
TC = 25
oC, Unless Otherwise Specified
IRFP460
UNITS
Drain to Source Voltage (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VDS
500
V
Drain to Gate Voltage (RGS = 20kΩ) (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .VDGR
500
V
Continuous Drain Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ID
TC = 100
oC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . I
D
20
12
A
A
Pulsed Drain Current (Note 3) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . IDM
80
A
Gate to Source Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VGS
±20
V
Maximum Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . PD
250
W
Linear Derating Factor . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2.0
W/oC
Single Pulse Avalanche Energy Rating (Note 4). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .EAS
960
mJ
Operating and Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TJ, TSTG
-55 to 150
oC
Maximum Temperature for Soldering
Leads at 0.063in (1.6mm) from Case for 10s . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TL
Package Body for 10s, See Techbrief 334 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Tpkg
300
260
oC
oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operationofthe
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1. TJ = 25
oC to T
J = 125
oC.
Electrical Specifications
TC = 25
oC, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Drain to Source Breakdown Voltage
BVDSS
ID = 250µA, VGS = 0V (Figure 10)
500
-
-
V
Gate Threshold Voltage
VGS(TH)
VGS = VDS, ID = 250µA2
-
4
V
Zero Gate Voltage Drain Current
IDSS
VDS = Rated BVDSS, VGS = 0V
-
-
25
µA
VDS = 0.8 x Rated BVDSS, VGS = 0V, TJ = 125
oC
-
-
250
µA
On-State Drain Current (Note 2)
ID(ON)
VDS > ID(ON) x rDS(ON)MAX, VGS = 10V
20
-
-
A
Gate to Source Leakage Current
IGSS
VGS = ±20V
-
-
±100
nA
Drain to Source On Resistance (Note 2)
rDS(ON)
ID = 11A, VGS = 10V (Figures 8, 9)
-
0.24
0.27
Ω
Forward Transconductance (Note 2)
gfs
VDS ≥ 50V, IDS > 11A (Figure 12)
13
19
-
S
Turn-On Delay Time
td(ON)
VDD = 250V, ID = 21A, RGS = 4.3Ω, RD = 12Ω,
VGS = 10V MOSFET Switching Times are Essentially
Independent of Operating Temperature
-23
35
ns
Rise Time
tr
-
81
120
ns
Turn-Off Delay Time
td(OFF)
-
85
130
ns
Fall Time
tf
-65
98
ns
Total Gate Charge
(Gate to Source + Gate-Drain)
Qg(TOT)
VGS = 10V, ID = 21A, VDS = 0.8 x Rated BVDSS,
IG(REF) = 1.5mA (Figure 14). Gate Charge is
Essentially Independent of OperatingTemperature
-
120
190
nC
Gate to Source Charge
Qgs
-18
-
nC
Gate to Drain “Miller” Charge
Qgd
-62
-
nC
Input Capacitance
CISS
VDS = 25V, VGS = 0V, f = 1MHz (Figure 10)
-
4100
-
pF
Output Capacitance
COSS
-
480
-
pF
Reverse Transfer Capacitance
CRSS
-84
-
pF
Internal Drain Inductance
LD
Measured from the Drain
Lead, 6mm (0.25in) from
Package to Center of Die
Modified MOSFET
Symbol Showing the
Internal Device
Inductances
-
5.0
-
nH
Internal Source Inductance
LS
Measured from the Source
Lead, 6mm (0.25in) from
Header to Source Bonding
Pad
-13
-
nH
Thermal Resistance Junction to Case
RθJC
-
-
0.50
oC/W
Thermal Resistance Junction to Ambient
RθJA
Free Air Operation
-
-
30
oC/W
LS
LD
G
D
S
IRFP460



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com