Electronic Components Datasheet Search
  English  ▼

X  

MP1C Datasheet(PDF) 1 Page - Cynergy3 Co

Part # MP1C
Description  the switch stops the compressor and starts the pump
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNERGY3 [Cynergy3 Co]
Direct Link  http://www.cynergy3.com
Logo CYNERGY3 - Cynergy3 Co

MP1C Datasheet(HTML) 1 Page - Cynergy3 Co

  MP1C Datasheet HTML 1Page - Cynergy3 Co MP1C Datasheet HTML 2Page - Cynergy3 Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
•
• Installation through G1”or
G1”1/4
• Supplied with gland &
counterweight
• Mount through side or top
of tank
For compressor receivers
or pressurised tanks
This float switch is designed specially to maintain the air cushion in autoclaves
and is available in two different versions 1” or 1”1/4.diameter.
Thanks to its small diameter it can be introduced into the tank through a coupling
and mounted either horizontally or vertically (with counterweight).The level switch
action point is determined by the cable length with the entry point (if horizontal) or
to the application point (if vertical).When the tank water level rises , the switch
gives the starting up command to the compressor contactor or to the compressed
air valve, which then stops the pump with an auxiliary contact.
When the water / air level stabilises at the desired position, the switch stops the
compressor and starts the pump.
Cynergy3 Components Ltd
7 Cobham Road
Ferndown Industrial Estate
Wimborne
Dorset BH21 7PE
Tel:
+44 (0) 1202 897969
sales@cynergy3.com
MECHANICAL
On - Off
Differential 5%
Off - On
Minimum Cable Pivot
length 120mm
Technical Specifications
MP1C-3
MP1C-5
Contact Form
C/O
Material
High Density Polyethylene
Temp Range
°C
0 / +55
°F
+ 32 / +131
Cable
3 metre
5 metre
Standard cable covering
PVC 3x1 A05 VVF Rf60
Max. working pressure
10 bar
Electrical Specifications
Power Rating
Max
3VA
Switching Voltage
Max
60Vac
Switching Current Max. Resistive
0.25 A
It is necessary to use an auxiliary relay, when switching any significant load.
MP1C Series
www.cynergy3.com
www.cynergy3.com
ISO 9001
ISO 9001
C E R T I F IED
C E R T I F IED
© 2011 Cynergy3 Components, All Rights Reserved.
© 2011 Cynergy3 Components, All Rights Reserved.
Specifications are subject to change without prior notice. Cynergy3 Components and the Cynergy3 Components logo are trademarks of Cynergy3 Components Limited.
Specifications are subject to change without prior notice. Cynergy3 Components and the Cynergy3 Components logo are trademarks of Cynergy3 Components Limited.


Similar Part No. - MP1C

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
MP1 INFINEON-MP1 Datasheet
216Kb / 2P
Multimedia Platform
2004
logo
Emerson Network Power
MP1 EMERSON-NETWORKPOWER-MP1 Datasheet
411Kb / 8P
Current share on all outputs with ratings of 10 A or greater
logo
GREATECS
MP1 GREATECS-MP1 Datasheet
698Kb / 1P
Miniature SPST Micro Switches
logo
List of Unclassifed Man...
MP1-10B ETC2-MP1-10B Datasheet
412Kb / 2P
Flush and extended pushbuttons Non-illuminated Momentary and maintained
logo
ABB
MP1-10B ABB-MP1-10B Datasheet
2Mb / 24P
Pilot devices The core offering
2016
More results

Similar Description - MP1C

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3301E MAXIM-MAX3301E Datasheet
868Kb / 35P
USB On-the-Go Transceiver and Charge Pump
Rev 2; 1/06
logo
Omron Electronics LLC
E2E-X2D1-N OMRON-E2E-X2D1-N Datasheet
2Mb / 36P
Your Search for Proximity Sensors Starts with the World-leading Performance and Quality of the E2E
E2E-X5E1 OMRON-E2E-X5E1 Datasheet
2Mb / 36P
Your Search for Proximity Sensors Starts with the World-leading Performance and Quality of the E2E
E2EX2E1 OMRON-E2EX2E1 Datasheet
2Mb / 36P
Your Search for Proximity Sensors Starts with the World-leading Performance and Quality of the E2E
E2E-X2E1-M1 OMRON-E2E-X2E1-M1 Datasheet
1Mb / 34P
Your Search for Proximity Sensors Starts with the World-leading Performance and Quality of the E2E
E2EX1R5E1 OMRON-E2EX1R5E1 Datasheet
2Mb / 35P
Your Search for Proximity Sensors Starts with the World-leading Performance and Quality of the E2E
logo
jb Capacitors Company
JSW JBCAPACITORS-JSW Datasheet
434Kb / 1P
Used for the compressor starter of a refrigerator and air-conditioner and for the water pumps
logo
Tyco Electronics
408-10266 MACOM-408-10266 Datasheet
373Kb / 6P
Insert the shank of the nest into the yoke and tighten the set screw.
logo
Shenzhen Huazhimei Semi...
HM9300 HMSEMI-HM9300 Datasheet
244Kb / 2P
The package and pin of the chip
logo
List of Unclassifed Man...
APA-104-4 ETC-APA-104-4 Datasheet
3Mb / 8P
The control circuit and the LBD share the only power source。
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com