Electronic Components Datasheet Search
  English  ▼

X  

SI4463BDY Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # SI4463BDY
Description  P-Channel MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

SI4463BDY Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  SI4463BDY Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd SI4463BDY Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd SI4463BDY Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd SI4463BDY Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd SI4463BDY Datasheet HTML 5Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SMD Type
www.kexin.com.cn
2
MOSFET
P-Channel MOSFET
SI4463BDY (KI4463BDY)
■
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Drain-Source Breakdown Voltage
VDSS
ID=-250μA, VGS=0V
-20
V
VDS=-20V, VGS=0V
-1
VDS=-20V, VGS=0V, TJ=70℃
-10
Gate-Body leakage current
IGSS
VDS=0V, VGS=±12V
±
100
nA
Gate Threshold Voltage
VGS(th)
VDS=VGS ID=-250μA
-0.6
-1.4
V
VGS=-10V, ID=-13.7A
11
VGS=-4.5V, ID=-12.3A
14
VGS=-2.5V, ID=-5A
20
On state drain current
ID(ON)
VGS=-5V, VDS=-4.5V (Note.1)
-30
A
Forward Transconductance
gFS
VDS=-10V, ID=-13.7A (Note.1)
44
S
Gate resistance
Rg
VGS=0V, VDS=0V, f=1MHz
2.7
Ω
Total Gate Charge
Qg
37
56
Gate Source Charge
Qgs
8.7
Gate Drain Charge
Qgd
11
Turn-On DelayTime
td(on)
55
Turn-On Rise Time
tr
90
Turn-Off DelayTime
td(off)
170
Turn-Off Fall Time
tf
115
Body Diode Reverse Recovery Time
trr
IF=-2.3A, dI/dt=100A/μs
75
Maximum Body-Diode Continuous Current
IS
-2.7
A
Diode Forward Voltage
VSD
IS=-2.7A,VGS=0V (Note.1)
-1.1
V
nC
ns
Zero Gate Voltage Drain Current
IDSS
uA
mΩ
VDD = −10 V, RL = 10 Ω
ID=−1 A, VGEN = −4.5 V, Rg = 6 Ω
RDS(On)
Static Drain-Source On-Resistance (Note.1)
VGS=-4.5V, VDS=-10V, ID=-13.7A
Note.1: Pulse test; pulse width ≤ 300us, duty cycle ≤ 2%.
■
Marking
4463B
KC****
Marking



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com