Electronic Components Datasheet Search
  English  ▼

X  

FCTE Datasheet(PDF) 2 Page - Cynergy3 Co

Part # FCTE
Description  Pump Dry Running Sensor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNERGY3 [Cynergy3 Co]
Direct Link  http://www.cynergy3.com
Logo CYNERGY3 - Cynergy3 Co

FCTE Datasheet(HTML) 2 Page - Cynergy3 Co

  FCTE Datasheet HTML 1Page - Cynergy3 Co FCTE Datasheet HTML 2Page - Cynergy3 Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
T E
T E
FCTE
Pump Dry Running Sensor
• Prevents dry-running
of pump
• Prevents overheating
of seals
• High power switching
capacity
The FCTE is a heat sensor, which is attached to the outlet pipe from a pump. This
device works by reacting to the temperature at the outlet of any centrifugal type pump,
which will rapidly rise past 45 ° if the inlet water level falls below the centre line of the
inlet. The unit will cut off the electrical supply to the pump, so protecting it from
damage. Manual resetting of this unit allows the pump to restart.
SPECIFICATION
Set Temperature
45°C 113°F
Switching voltage max.
250Vac
Switching current max. resistive
16A
Pipe diameter range
20-200mm
IP Rating
21
INSTALLATION
Heat accumulation
zone due to vapour
formation
TE thermostat
TE thermostat also
protects the seal
Level of
water when
TE cuts in
Spring clip fixing sensor to pipe
n
Dia. mi
20 max
400
46
reset button
72
indicator light
cable entry
Top View
heat sensor
brass strip
i m
et
. mi
n 20
max
400
d a
er
pipe
Side View
brass heat
conductor strip
reset button
indicator light
cable entry
three-phase motor pump protection
50
A - A
20
examples of positioning
TE thermostat
16 A 250V
250V
single - phase motor pump protection
pump
thermic relay
heat sensor
spring clip fixing sensor to pipe
FCTE
Pump Dry Running Sensor
FCTE 2013
cynergy
components
cynergy
components
Cynergy3 Components Ltd
7 Cobham Road
Ferndown Industrial Estate
Wimborne
Dorset BH21 7PE
Tel: +44 (0) 1202 897969
sales@cynergy3.com
www.cynergy3.com
www.cynergy3.com
ISO 9001
ISO 9001
C E R T I F IED
C E R T I F IED
© 2013 Cynergy3 Components, All Rights Reserved.
© 2013 Cynergy3 Components, All Rights Reserved.
Specifications are subject to change without prior notice. Cynergy3 Components and the Cynergy3 Components logo are trademarks of Cynergy3 Components Limited.
Specifications are subject to change without prior notice. Cynergy3 Components and the Cynergy3 Components logo are trademarks of Cynergy3 Components Limited.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com