Electronic Components Datasheet Search
  English  ▼

X  

ILS Datasheet(PDF) 1 Page - Cynergy3 Co

Part # ILS
Description  Submersible Level Transmitter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNERGY3 [Cynergy3 Co]
Direct Link  http://www.cynergy3.com
Logo CYNERGY3 - Cynergy3 Co

ILS Datasheet(HTML) 1 Page - Cynergy3 Co

  ILS Datasheet HTML 1Page - Cynergy3 Co ILS Datasheet HTML 2Page - Cynergy3 Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.cynergy3.com
© 2014 Cynergy3 Components, All Rights Reserved. Specifications are subject to change without prior notice. Cynergy3 Components and the Cynergy3 Components logo are trademarks of Cynergy3 Components Limited.
ISO
9001 CERTIFIED
ILS series
Submersible Level Transmitter
Cynergy3 Components Ltd.
7 Cobham Road
Ferndown Industrial Estate
Wimborne, Dorset BH21 7PE
Telephone +44 (0) 1202 897969
Email:sales@cynergy3.com
Web: www.cynergy3.com
The ILS is designed for use in continuous
submersion in liquids such as water, oil and
other non-aggressive chemicals. The
submersible uses the latest piezo-resistive
media-isolated silicon sensing technology and
a stainless steel diaphragm within a 316L
stainless steel housing.
It offers excellent stability, repeatability and
resolution, as required for use in rivers and
reservoirs. This submersible level transmitter
is the ideal product for reliable and repeatable
hydrostatic level measurement.
The electronics incorporate a microprocessor
based amplifier, requiring no adjusting and
giving stable electronics.
Each device is temperature compensated,
calibrated and supplied with a traceable
serial number and calibration certificate.
Accuracy: <0.1% FS BFSL
Pressure ranges from 1mWG to 100mWG
Custom versions can be made for particular applications.
Stainless steel, piezo-resistive sensor
Various cable lengths
Suitable applications
River level
Reservoir level
Tank level
Borehole level
Aquifer level
Environmental monitoring
V-notch weir flow measurement
Performance
Accuracy (Non-Linearity & Hysteresis)
<±0.1% / FS (BFSL)
Setting Errors (offsets)
Zero & Full Scale, <±0.5% / FS
Permiss ble Load
R
= [(Voltage Supply-9)/0.02]Ohms
i
max
Influence Effects
Supply
<0.005% FS / 1V
Load
0.05% FSO / kOhm
Input Pressure Range
Nominal Pressure, Gauge
mWG
1
2.5
5
10
20
50
100
Permissible Overpressure
mWG
20
20
50
50
50
100
100
Output Signals and Supply Voltages
PUR sheath
Wire systemOutput
Supply Voltage
Connection
Wire Colours
2-wire
4-20mA
9-32Vdc
+ve Supply
Red
-ve Supply
Blue
Ground
White
Cable Screen
Green


Similar Part No. - ILS

ManufacturerPart #DatasheetDescription
logo
C&K Components
ILS CK-COMPONENTS-ILS Datasheet
360Kb / 4P
SIntegrated LED Tact Switch
20 Nov 20
logo
Vishay Siliconix
ILS-2515 VISHAY-ILS-2515 Datasheet
245Kb / 2P
Surface Mount Inductor
10-Sep-02
ILS-2515-01 VISHAY-ILS-2515-01 Datasheet
245Kb / 2P
Surface Mount Inductor
10-Sep-02
ILS-2515-02 VISHAY-ILS-2515-02 Datasheet
245Kb / 2P
Surface Mount Inductor
10-Sep-02
ILS-3825-01 VISHAY-ILS-3825-01 Datasheet
59Kb / 2P
Surface Mount Inductors, Low Profile for DC/DC Converters
08-Jan-04
More results

Similar Description - ILS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
313L ETC2-313L Datasheet
92Kb / 2P
SUBMERSIBLE LEVEL TRANSMITTER
logo
Sensortechnics GmbH
KTEM2050G4C5S SENSORTECHNICS-KTEM2050G4C5S Datasheet
43Kb / 3P
OEM submersible level sensors
logo
Cynergy3 Co
SLP CYNERGY3-SLP Datasheet
338Kb / 1P
submersible level probe
logo
Fuji Electric
EDSX7-66H FUJI-EDSX7-66H Datasheet
266Kb / 12P
LEVEL TRANSMITTER
logo
Cynergy3 Co
ILLS CYNERGY3-ILLS Datasheet
88Kb / 2P
Submersible Tank Gauging Level Transmitter
ILLSU CYNERGY3-ILLSU Datasheet
91Kb / 2P
Submersible Tank Gauging Level Transmitter
ILSU CYNERGY3-ILSU Datasheet
60Kb / 2P
Submersible Level Transmitter
ILTS CYNERGY3-ILTS Datasheet
56Kb / 2P
Submersible Dual Level and Temperature Transmitter
ILTSU CYNERGY3-ILTSU Datasheet
60Kb / 2P
Submersible Dual Level and Temperature Transmitter
IWSL CYNERGY3-IWSL Datasheet
1Mb / 2P
Water approved Submersible Level Transmitter - Silicon Sensor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com