Electronic Components Datasheet Search
  English  ▼

X  

ILSE Datasheet(PDF) 2 Page - Cynergy3 Co

Part # ILSE
Description  External Mount Hydrostatic Level Transmitter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNERGY3 [Cynergy3 Co]
Direct Link  http://www.cynergy3.com
Logo CYNERGY3 - Cynergy3 Co

ILSE Datasheet(HTML) 2 Page - Cynergy3 Co

  ILSE Datasheet HTML 1Page - Cynergy3 Co ILSE Datasheet HTML 2Page - Cynergy3 Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.cynergy3.com
© 2014 Cynergy3 Components, All Rights Reserved. Specifications are subject to change without prior notice. Cynergy3 Components and the Cynergy3 Components logo are trademarks of Cynergy3 Components Limited.
ISO
9001 CERTIFIED
Output Signal and Supply Voltage
Wire system Output
Supply Volts
Connection
Pin No. (Large plug and socket)
2-wire
4-20mA
9-32Vdc
+ve Supply
Pin 1
-ve Supply
Pin 2
Ground
Earth pin
3-wire
0.5 - 4.5Vdc (
9-32 Vdc
+ve Supply
Pin 1
non-ratiometric)
-ve Supply
Pin 2
+ve Output
Pin 3
Ground
Earth Pin
ILS
series
E
External Mount Hydrostatic Level Transmitter
Part No
Pressure Range
Output
ILSE-G0100-5
0 - 1mWG
4-20mA
ILSE-G0250-5
0 - 2.5mWG
4-20mA
ILSE-G0500-5
0 - 5mWG
4-20mA
ILSE-G0700-5
0 - 7mWG
4-20mA
ILSE-G1000-5
0 - 10mWG
4-20mA
ILSE-G0100-D
0 - 1mWG
0.5 to 4.5V 3Wire
ILSE-G0250-D
0 - 2.5mWG
0.5 to 4.5V 3Wire
ILSE-G0500-D
0 - 5mWG
0.5 to 4.5V 3Wire
ILSE-G0700-D
0 - 7mWG
0.5 to 4.5V 3Wire
ILSE-G1000-D
0 - 10mWG
0.5 to 4.5V 3Wire
1/4” BSP Male
Ip65



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com