Electronic Components Datasheet Search
  English  ▼

X  

ILTSU Datasheet(PDF) 2 Page - Cynergy3 Co

Part # ILTSU
Description  Submersible Dual Level and Temperature Transmitter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNERGY3 [Cynergy3 Co]
Direct Link  http://www.cynergy3.com
Logo CYNERGY3 - Cynergy3 Co

ILTSU Datasheet(HTML) 2 Page - Cynergy3 Co

  ILTSU Datasheet HTML 1Page - Cynergy3 Co ILTSU Datasheet HTML 2Page - Cynergy3 Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.cynergy3.com
© 2015 Cynergy3 Components, All Rights Reserved. Specifications are subject to change without prior notice. Cynergy3 Components and the Cynergy3 Components logo are trademarks of Cynergy3 Components Limited.
ISO
9001 CERTIFIED
Electrical Protection
Supply reverse polarity
No damage but also no function
Lightning protection
Internally fitted
Electromagnetic compatibility CE Compliant
Mechanical Stability
Shock
100g / 11ms
Vibration
10g RMS (20 - 2000Hz)
Temperatures & Thermal Effects
Media Temperature
-20ºC (Non-freezing) to +60ºC
Storage temperature
-20ºC to +70ºC
Compensated temperature range(level only)
20ºC±25ºC
Thermal Zero Shift (TZS) (level only)
<±0.02% /FS/ºC
Thermal Span Shift(TSS) (level only)
<-0.015% /ºC
Thermal Drift (temperature only)
1µA/ºC
Material Specifications
Housing
316L Stainless Steel
“O” ring seals
Viton
Diaphragm
316L Stainless Steel
Cable sheath material
PUR
Media wetted parts
Housing, “O” ring seal, diaphragm, cable
sheath
Miscellaneous
Current Consumption
Level transmitter limits at 28mA
Temperature transmitter limits at 21.5mA
Weight
Transmitter: approx
300g inc.
10.5oz (
)
nose cone
Cable:
g per
meter
1.7oz (48 )
yard (
)
Installation position
Any, small zero shift when tilted through 90º
Operational Life
> 100x 10 cycles
6
ILTSU series
Submersible Dual Level &Temperature Transmitter
Mechanical Dimensions
Boot
Nose cone
25mm dia
195mm Nominal
PUR sheathed vented cable
ILTSU 2015
(Custom ranges and outputs available on request)
Part No
Pressure Range
Cable Length
ILTSU-Gi048-003 0-48" WG
10ft
ILTSU-Gi180-007 0-180" WG
22ft
ILTSU-Gi360-015 0-360" WG
48ft
(1")
(7.68")



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com