Electronic Components Datasheet Search
  English  ▼

X  

IPS Datasheet(PDF) 1 Page - Cynergy3 Co

Part # IPS
Description  Industrial Pressure Transducer - Ceramic
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNERGY3 [Cynergy3 Co]
Direct Link  http://www.cynergy3.com
Logo CYNERGY3 - Cynergy3 Co

IPS Datasheet(HTML) 1 Page - Cynergy3 Co

  IPS Datasheet HTML 1Page - Cynergy3 Co IPS Datasheet HTML 2Page - Cynergy3 Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
IPS Series
Industrial Pressure Transducer - Ceramic
The IPS series is
The probe uses a piezo-
suitable for use in a wide range of industrial applications.
resistive
sens ,
within a stainless steel housing
ceramic
or giving excellent media compatibility
The electronics incorporate a microprocessor based amplifier, requiring no adjusting and giving
stable electronics
.
, especially industrial applications.
Each device is temperature compensated, calibrated and supplied with a traceable serial number
and calibration certificate.
Accuracy < 0.
% FS BFSL
± 25
Pressure ranges from -1 to 400 bar
Piezo-resistive thick film ceramic sensor
Stainless steel body
Various outputs including mV, Volts and mA.
Performance
Accuracy (Non-Linearity
<±0. % / FS (BFSL)
& Hysteresis)
25
Setting Errors (offsets)
2-wire
Zero & Full Scale, <±0.5% / FS
3-wire
Zero & Full Scale, <±0.5% / FS
4-wire
Zero & Full Scale, <±0.5% / FS
@ 10 Volts
Electrical Protection
Supply reverse polarity
No damage/no function
Electromagnetic compatibility
CE Compliant
Mechanical Stability
Shock
100g / 11s
Vibration
10g RMS (20 - 2000Hz)
Temperatures & Thermal Effects
Operating Temperature
-20ºC to +135ºC
Ambient Temperature
-20ºC to +80ºC
Storage temperature
-20ºC to +125ºC
Compensated temperature range
+20ºC to +80ºC
Thermal Zero Shift (TZS)
<±0.04% /FS/ºC
Thermal Span Shift
<±0.015% /ºC
Material Specifications
Housing
Stainless Steel
“O” ring seals
Viton
Diaphragm
Ceramic Al O 96%
23
Media wetted parts
Housing & connection, “O” ring seal,
diaphragm
Weight
Approx 100g
Installation position
Any
Operational Life
> 100x 10 cycles
6
Insulation resistance
> 50MOhms at 50Vdc
Pressure Ranges and Passive mV/V Outputs
Nominal Pressure, Gauge,
bar
1
2
5
10
20
50
100
250
400
Compound range
bar
-1 to 0
-1 to 2
-1 to 5
-1 to 9 -1 to 19 -1 to 24
Permissible Overpressure
bar
2
4
10
20
40
100
200
400
650
Burst Pressure
bar
4
5
12
25
50
120
250
500
650
www.cynergy3.com
© 2014 Cynergy3 Components, All Rights Reserved. Specifications are subject to change without prior notice. Cynergy3 Components and the Cynergy3 Components logo are trademarks of Cynergy3 Components Limited.
ISO
9001 CERTIFIED
Cynergy3 Components Ltd.
7 Cobham Road
Ferndown Industrial Estate
Wimborne, Dorset BH21 7PE
Telephone +44 (0) 1202 897969
Email:sales@cynergy3.com
Output Signals and Supply Voltages
Wire system
Output
Supply Voltage
Connection
s
Pin No
2-wire
4-20mA
9-32Vdc
+ve Supply
-ve Supply
Ground
Pin 1
Pin 2
Earth Pin
3-wire
0-5Vdc
-32Vdc
+ve Supply
-ve Supply
9
Pin 1
Pin 2
+ve Output
Ground
Pin 3
Earth Pin
4-wire (amplified)
+ve Supply
-ve Supply
10mV/V (ratiometric)
3-12Vdc
Pin 1
Pin 2
+ve Output
-ve Output
Pin 3
Earth Pin


Similar Part No. - IPS

ManufacturerPart #DatasheetDescription
logo
Level One
IPS-0008 LVL1-IPS-0008 Datasheet
306Kb / 3P
LevelOne IPS-0008 provides users with the
logo
ORing Industrial Networ...
IPS-1042FA ORING-IPS-1042FA Datasheet
1Mb / 4P
Industrial 6-port slim type unmanaged PoE Ethernet switch
IPS-1042FA-MM-SC ORING-IPS-1042FA-MM-SC Datasheet
1Mb / 4P
Industrial 6-port slim type unmanaged PoE Ethernet switch
IPS-1042FA-SS-SC ORING-IPS-1042FA-SS-SC Datasheet
1Mb / 4P
Industrial 6-port slim type unmanaged PoE Ethernet switch
IPS-1042FX-24V ORING-IPS-1042FX-24V Datasheet
1Mb / 4P
Industrial 6-port unmanaged PoE Ethernet switch
More results

Similar Description - IPS

ManufacturerPart #DatasheetDescription
logo
Cynergy3 Co
IPSU CYNERGY3-IPSU Datasheet
73Kb / 2P
Industrial Pressure Transducer - Ceramic
IWPTLU CYNERGY3-IWPTLU Datasheet
633Kb / 2P
Low Range Industrial Wireless Pressure Transducer
IWPTU CYNERGY3-IWPTU Datasheet
635Kb / 2P
Industrial Wireless Pressure Transducer
logo
TE Connectivity Ltd
D5100 TEC-D5100 Datasheet
232Kb / 8P
Industrial Differential Pressure Transducer
U5200 TEC-U5200 Datasheet
172Kb / 8P
Industrial Pressure Transducer
logo
Cynergy3 Co
IWPT CYNERGY3-IWPT Datasheet
100Kb / 2P
Industrial Wireless Pressure Transducer
IWPTL CYNERGY3-IWPTL Datasheet
99Kb / 2P
Low Range Industrial Wireless Pressure Transducer
logo
TE Connectivity Ltd
M3200 TEC-M3200 Datasheet
389Kb / 10P
Pressure Transducer
M3200 TEC-M3200_V01 Datasheet
1Mb / 18P
Pressure Transducer
logo
Sensata Technologies, I...
P4055 SENSATA-P4055 Datasheet
402Kb / 5P
Pressure Transducer
2/7/18
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com