Electronic Components Datasheet Search
  English  ▼

X  

IPSL Datasheet(PDF) 1 Page - Cynergy3 Co

Part # IPSL
Description  Low Range Industrial Pressure Sensor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNERGY3 [Cynergy3 Co]
Direct Link  http://www.cynergy3.com
Logo CYNERGY3 - Cynergy3 Co

IPSL Datasheet(HTML) 1 Page - Cynergy3 Co

  IPSL Datasheet HTML 1Page - Cynergy3 Co IPSL Datasheet HTML 2Page - Cynergy3 Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.cynergy3.com
© 2014 Cynergy3 Components, All Rights Reserved. Specifications are subject to change without prior notice. Cynergy3 Components and the Cynergy3 Components logo are trademarks of Cynergy3 Components Limited.
ISO
9001 CERTIFIED
IPS series
L
Low Range Industrial Pressure Sensor
Cynergy3 Components Ltd.
7 Cobham Road
Ferndown Industrial Estate
Wimborne, Dorset BH21 7PE
Telephone +44 (0) 1202 897969
Email:sales@cynergy3.com
The IPSL is suitable for use in a wide range
of applications. The probe uses a piezo-
resistive
sens ,
silicon
or giving excellent
media compatibility within an oil filled
316L stainless steel housing
The electronics incorporate a
microprocessor based amplifier, requiring
no adjusting and giving stable electronics,
especially in high vibration/shock
applications.
Each device is temperature compensated,
calibrated and supplied with a traceable
serial number and calibration certificate.
There is a choice of internal O ring seals to
ensure that the device is compatible with a
wide range of media.
Custom versions can be made for
particular applications.
Accuracy < 0.
% FS BFSL
± 25
Gauge or Absolute pressure reference
Pressure ranges from 50 mbar to 1000 mbar
Piezo-resistive sensor
Stainless steel body & diaphragm
Various outputs including Volts and mA.
Options available on the IPSL
transmitter.
pressure
Pressure range
Pressure reference (G or Abs)
Output type
Suitable applications
HVAC
Mechanical engineering
Pneumatics
Environmental engineering
Rainwater harvesting
Automotive testing
Agricultural machinery
Tank gauging
Laboratory testing
IBC, IBC Tote or pallet tank
Performance
Accuracy (Non-Linearity
<±0. % / FS (BFSL) for gauge, < 0.5% for Absolute
& Hysteresis)
25
±
Setting Errors (offsets)
2-wire
Zero & Full Scale, <±0.5% / FS
3-wire
Zero & Full Scale, <±0.5% / FS
Permiss ble Load
2-wire
R
= [(Supply-9min)/0.02]
i
max
W
3-wire
R = 10k
min
W
Influence Effects
Supply
<0.005% FS / 1V
Load
0.05% FSO / k
W
Electrical Protection
Supply reverse polarity
No damage/no function
Electromagnetic compatibility CE Compliant
Mechanical Stability
Shock
100g / 11s
Vibration
10g RMS (20 - 2000Hz)
Temperatures & Thermal Effects
Media Temperature
-40ºC to +125ºC
Ambient Temperature
-20ºC to +80ºC
Storage temperature
-40ºC to +125ºC
Compensated temperature range
+20ºC to +80ºC
Thermal Zero Shift (TZS)
<±0.04% /FS/ºC
Thermal Span Shift
<-0.015% /ºC
Material Specifications
Housing
303 Stainless Steel
“O” ring seals
Viton
Diaphragm
316L Stainless Steel
Media wetted parts
Housing & connection, “O” ring seal,
diaphragm
Miscellaneous
Current consumption
2 -wire Limits at 28mA
3-wire Typical 6mA
Weight
Approx 100g
Installation position
Any, small zero shift when tilted through
90º
Operational Life
> 100x 10 cycles
6
Insulation resistance
> 50MOhms at 50Vdc


Similar Part No. - IPSL

ManufacturerPart #DatasheetDescription
logo
Cynergy3 Co
IPSL-G0050-5M12 CYNERGY3-IPSL-G0050-5M12 Datasheet
93Kb / 2P
Low Range Industrial Pressure Sensor with M12 4Pin Connector
IPSL-G0050-6M12 CYNERGY3-IPSL-G0050-6M12 Datasheet
93Kb / 2P
Low Range Industrial Pressure Sensor with M12 4Pin Connector
IPSL-G0100-5M12 CYNERGY3-IPSL-G0100-5M12 Datasheet
93Kb / 2P
Low Range Industrial Pressure Sensor with M12 4Pin Connector
IPSL-G0100-6M12 CYNERGY3-IPSL-G0100-6M12 Datasheet
93Kb / 2P
Low Range Industrial Pressure Sensor with M12 4Pin Connector
IPSL-G0250-5M12 CYNERGY3-IPSL-G0250-5M12 Datasheet
93Kb / 2P
Low Range Industrial Pressure Sensor with M12 4Pin Connector
More results

Similar Description - IPSL

ManufacturerPart #DatasheetDescription
logo
Cynergy3 Co
IPSLU CYNERGY3-IPSLU Datasheet
112Kb / 2P
Low Range Industrial Pressure Sensor
IPSLAT CYNERGY3-IPSLAT Datasheet
689Kb / 2P
Low Range, Intrinsically Safe Pressure Sensor
IPSLUAT CYNERGY3-IPSLUAT Datasheet
954Kb / 2P
Low Range, Intrinsically Safe Pressure Sensor
IWPTLU CYNERGY3-IWPTLU Datasheet
633Kb / 2P
Low Range Industrial Wireless Pressure Transducer
IPSL-M12 CYNERGY3-IPSL-M12 Datasheet
93Kb / 2P
Low Range Industrial Pressure Sensor with M12 4Pin Connector
IPSLU-M12 CYNERGY3-IPSLU-M12 Datasheet
76Kb / 2P
Low Range Industrial Pressure Sensor with M12 4-Pin connector
IWPTL CYNERGY3-IWPTL Datasheet
99Kb / 2P
Low Range Industrial Wireless Pressure Transducer
logo
Silicon Microstructures...
SM5331-BCE-S-010-000 SMI-SM5331-BCE-S-010-000 Datasheet
682Kb / 7P
Low Pressure Digital Sensor
SM6231-BCE-S-005-001 SMI-SM6231-BCE-S-005-001 Datasheet
682Kb / 7P
Low Pressure Digital Sensor
SM6331-BCE-S-004-000 SMI-SM6331-BCE-S-004-000 Datasheet
695Kb / 7P
Low Pressure Digital Sensor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com