Electronic Components Datasheet Search
  English  ▼

X  

IPSU Datasheet(PDF) 2 Page - Cynergy3 Co

Part # IPSU
Description  Industrial Pressure Transducer - Ceramic
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNERGY3 [Cynergy3 Co]
Direct Link  http://www.cynergy3.com
Logo CYNERGY3 - Cynergy3 Co

IPSU Datasheet(HTML) 2 Page - Cynergy3 Co

  IPSU Datasheet HTML 1Page - Cynergy3 Co IPSU Datasheet HTML 2Page - Cynergy3 Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
IPSU Series
Industrial Pressure Sensor - Ceramic
www.cynergy3.com
© 2015 Cynergy3 Components, All Rights Reserved. Specifications are subject to change without prior notice. Cynergy3 Components and the Cynergy3 Components logo are trademarks of Cynergy3 Components Limited.
Cynergy3 Components Ltd.
7 Cobham Road
Ferndown Industrial Estate
Wimborne, Dorset BH21 7PE
Telephone +44 (0) 1202 897969
Email:sales@cynergy3.com
ISO
9001 CERTIFIED
Mechanical Dimensions
P 7 cable entry gland
G
Ø 0.945" (24mm)
0.465" (11.8mm)
18mm (0.71") AF Hex
1/4” NPT male thread
4 pin DIN 43650 connector
(Custom ranges and outputs available on request)
IPSU 2015
Part Number
Range
Output
IPSU-GP015-3 0-15 psi G
0-100mV
IPSU-GP015-5 0-15 psi G
4-20mA
IPSU-GP015-6 0-15 psi G
0-5V
IPSU-GP030-3 0-30 psi G
0-100mV
IPSU-GP030-5 0-30 psi G
4-20mA
IPSU-GP030-6 0-30 psi G
0-5V
IPSU-C0446-5 -14.5 to +150 psi G 4 - 20mA
IPSU-C0446-6 -14.5 to +150 psi G 0-5V
IPSU-GP075-3 0-75 psi G
0-100mV
IPSU-GP075-5 0-75 psi G
4-20mA
IPSU-GP075-6 0-75 psi G
0-5V
IPSU-GP100-3 0-100 psi G
0-100mV
IPSU-GP100-5 0-100 psi G
4-20mA
IPSU-GP100-6 0-100 psi G
0-5V
IPSU-C0447-5 -14.5 to +350 psi G 4-20mA
IPSU-C0447-6 -14.5 to +350 psi G 0-5V
IPSU-GP150-3 0-150 psi G
0-100mV
IPSU-GP150-5 0-150 psi G
4-20mA
IPSU-GP150-6 0-150 psi G
0-5V
IPSU-GP300-3 0-300 psi G
0-100mV
IPSU-GP300-5 0-300 psi G
4-20mA
IPSU-GP300-6 0-300 psi G
0-5V
IPSU-GP750-3 0-750 psi G
0-100mV
IPSU-GP750-5 0-750 psi G
4-20mA
IPSU-GP750-6 0-750 psi G
0-5V
IPSU-GP1K5-3 0-1500 psi G
0-100mV
IPSU-GP1K5-5 0-1500 psi G
4-20mA
IPSU-GP1K5-6 0-1500 psi G
0-5V
IPSU-GP3K6-3 0-3600 psi G
0-100mV
IPSU-GP3K6-5 0-3600 psi G
4-20mA
IPSU-GP3K6-6 0-3600 psi G
0-5V
IPSU-GP5K8-3 0-5800 psi G
0-100mV
IPSU-GP5K8-5 0-5800 psi G
4-20mA
IPSU-GP5K8-6 0-5800 psi G
0-5V
Part Number
Range
Output
IPSU-G1000-3 0-1bar G (0-14.5psi)
0-100mV
IPSU-G1000-5 0-1bar G (0-14.5psi)
4-20mA
IPSU-G1000-6 0-1bar G (0-14.5psi)
0-5V
IPSU-G6000-3 0-6bar G (0-87psi)
0-100mV
IPSU-G6000-5 0-6bar G (0-87psi)
4-20mA
IPSU-G6000-6 0-6bar G (0-87psi)
0-5V
IPSU-GM1P9-5 -1 to +9 Bar G
4 - 20mA
IPSU-GM1P9-6 -1 to +9 Bar G
0-5V
IPSU-G1002-3 0-10bar G (0-145psi)
0-100mV
IPSU-G1002-5 0-10bar G (0-145psi)
4-20mA
IPSU-G1002-6 0-10bar G (0-145psi)
0-5V
IPSU-G1602-3 0-16bar G (0-232psi)
0-100mV
IPSU-G1602-5 0-16bar G (0-232psi)
4-20mA
IPSU-G1602-6 0-16bar G (0-232psi)
0-5V
IPSU-C0184-5 -1 to +24bar G
4-20mA
IPSU-C0184-6 -1 to +24bar G
0-5V
IPSU-G2502-3 0-25bar G (0-363psi)
0-100mV
IPSU-G2502-5 0-25bar G (0-363psi)
4-20mA
IPSU-G2502-6 0-25bar G (0-363psi)
0-5V
IPSU-G4002-3 0-40bar G (0-580psi)
0-100mV
IPSU-G4002-5 0-40bar G (0-580psi)
4-20mA
IPSU-G4002-6 0-40bar G (0-580psi)
0-5V
IPSU-G1003-3 0-100bar G (0-1405psi) 0-100mV
IPSU-G1003-5 0-100bar G (0-1405psi) 4-20mA
IPSU-G1003-6 0-100bar G (0-1405psi) 0-5V
IPSU-G2503-3 0-250bar G (0-3626psi 0-100mV
IPSU-G2503-5 0-250bar G (0-3626psi 4-20mA
IPSU-G2503-6 0-250bar G (0-3626psi 0-5V
IPSU-G4003-3 0-400bar G (0-5802psi) 0-100mV
IPSU-G4003-5 0-400bar G (0-5802psi) 4-20mA
IPSU-G4003-6 0-400bar G (0-5802psi) 0-5V



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com