Electronic Components Datasheet Search
  English  ▼

X  

IWSL Datasheet(PDF) 2 Page - Cynergy3 Co

Part # IWSL
Description  Water approved Submersible Level Transmitter - Silicon Sensor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNERGY3 [Cynergy3 Co]
Direct Link  http://www.cynergy3.com
Logo CYNERGY3 - Cynergy3 Co

IWSL Datasheet(HTML) 2 Page - Cynergy3 Co

  IWSL Datasheet HTML 1Page - Cynergy3 Co IWSL Datasheet HTML 2Page - Cynergy3 Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.cynergy3.com
© 2013 Cynergy3 Components, All Rights Reserved. Specifications are subject to change without prior notice. Cynergy3 Components and the Cynergy3 Components logo are trademarks of Cynergy3 Components Limited.
ISO
9001 CERTIFIED
IWSL series
Water approved Submersible Level Transmitter - Silicon Sensor
Electrical Protection
Supply reverse polarity
No damage/no function
Lightning protection
Internally fitted
Electromagnetic compatibility CE Compliant
Mechanical Stability
Shock
100g / 11s
Vibration
10g RMS (20 - 2000Hz)
Temperatures & Thermal Effects
Media Temperature
-20ºC (Non-freezing) to
+60ºC
Storage temperature
-20ºC to +70ºC
Compensated temperature range
20ºC±25ºC
Thermal Zero Shift (TZS)
<±0.02% /FS/ºC (option code 2)
<±0.01% /FS/ºC (option code 1)
Thermal Span Shift
<±0.01% /ºC
Material Specifications
Housing
316L Stainless Steel
“O” ring seals
EPDM (Parker Elastomer E70C438)
Diaphragm
316L Stainless Steel
Cable sheath material
Polyurethane
Media wetted parts Housing, “O” ring seal, diaphragm, cable sheath
Weight
Transmitter: approx 250g
Cable: 48g per metre
Installation position
Any
6
Operational Life
> 100x 10 cycles
Approvals
WRAS Approval pending
Pressure Ranges and Passive mV/V Outputs
Nominal Pressure, Gauge
mWG
1
2.5
3.5
5
7
10
20
35
50
70
100
Nominal Pressure, Absolute mWG
20
35
50
70
100
Permissible Overpressure
mWG
20
20
20
50
50
50
100
100
100
100
100
Output
mv @ 10V
50
50
60
100
70
100
100
100
100
100
100
Zero Setting Error
mV/V
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
Output Signals and Supply Voltages
Wire systemOutput
Supply Voltage
Connection
Wire Colour
2-wire
4-20mA
9-32Vdc
+ve Supply
Red
-ve Supply
Blue
Ground
White
Cable Screen
Green
3-wire
0-5Vdc
9-32Vdc
4-wire
see Passive mV/V Output above
+ve Supply
Red
0-10Vdc
13-32Vdc
-ve Supply
Blue
0-2.5Vdc
6-32Vdc
+ve Output
Yellow
0.5-4.5Vdc
5Vdc
Ground
White
Cable Screen
Green
+ve Supply
Red
-ve Supply
Blue
+ve Output
White
-ve Output
Yellow
Cable Screen
Green
} -



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com