Electronic Components Datasheet Search
  English  ▼

X  

LFS Datasheet(PDF) 1 Page - Cynergy3 Co

Part # LFS
Description  Maximum operating pressure 20 bar
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNERGY3 [Cynergy3 Co]
Direct Link  http://www.cynergy3.com
Logo CYNERGY3 - Cynergy3 Co

LFS Datasheet(HTML) 1 Page - Cynergy3 Co

  LFS Datasheet HTML 1Page - Cynergy3 Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.cynergy3.com
© 2014 Cynergy3 Components, All Rights Reserved. Specifications are subject to change without prior notice. Cynergy3 Components and the Cynergy3 Components logo are trademarks of Cynergy3 Components Limited.
ISO
9001 CERTIFIED
LFS Series
Paddle Flow Switches
Cynergy3 Components Ltd.
NB: Flow rates in litres per minute
7 Cobham Road
Ferndown Industrial Estate
Wimborne, Dorset BH21 7PE
Telephone +44 (0) 1202 897969
Email:sales@cynergy3.com
The LFS range of flow switches are paddle
devices that are mounted vertically
through a socket or upstand process
connection.
Electrical connections are made within the
housing, which has a screw on sealed lid
and cable gland.
A choice of paddle sizes is supplied with
each switch and selection can be made
with reference to the chart opposite.
Mechanical Dimensions
IP65 Aluminium alloy housing or DIN 43650 connection
Maximum operating pressure 20 bar
Stainless steel SS304 paddle
3/4”PF or 1”PT mounting plug thread
Use for flow detection in pipes from 1” bore to 3”
bore
T
echnical Specification
Housing material
Aluminium Alloy
Paddle material
304grade SS
Temperature range
See chart below
Maximum pressure
20 bar
Set point tolerance
±25 %
Pressure drop
0.2 bar
Repeatability
±5%
Connection in housing or by DIN 43650
Electrical Specification
Contact Form
SPDT
Switching Power Max
VA
40
Switching Voltage AC/DC Max
V
230
Switching Current Max
A
1.0
All ratings are for resistive load only.
Standard Parts
Mounting thread
Operating Temperature
Connection
LFS-01
1”NPT
-30 to +75°C
Terminate in housing
LFS-01H
1"NPT
-30 to +150°C
Terminate in housing
LFS-02
3/4”BSP
-30 to +75°C
Terminate in housing
LFS-02H
3/4"BSP
-30 to +150°C
Terminate in housing
LFS-03
1”NPT
-30 to +75°C
DIN 43650
LFS-03H
1"NPT
-30 to +120°C
DIN 43650
LFS-04
3/4”BSP
-30 to +75°C
DIN 43650
LFS-04H
3/4"BSP
-30 to +120°C
DIN 43650
1"NPT
1"NPT
25
25
80
1/2"BSP
38 AF
38 AF
38 AF
38 AF
3/4"BSP
3/4"BSP
25
25
80
1/2"BSP
DIN 43650
DIN 43650
Model No. LFS-02/H
Model No. LFS-03/H
Model No. LFS-04/H
Model No. LFS-01/H
Switch
Op Rel
Op
Rel
Op
Rel
Op
Rel
Op
Rel
Op
Rel
1"
19 15.2 32.2 24.7 45.5 34.1 64.4 56.8
1.25"
24.7 17.1 34.1 26.5 56.8 45.5
87.1 75.8
1.50"
53 37.9 87.1 60.6 121.2 94.7
2"
68.2 45.5
90.9 64.4
125 102.3
2.5"
75.8 49.3 102.3 121.2
3"
83.3
60.6
Paddle length
2.5"
3"
Pipe Dia
1"
1.25"
1.50"
2"


Similar Part No. - LFS

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
LFS SENSATA-LFS Datasheet
281Kb / 2P
FUEL DELIVERY PRESSURE SENSORS
Rev:07/31/18
logo
Contrinex AG Industrial...
LFS-3030-101 CONTRINEX-LFS-3030-101 Datasheet
122Kb / 2P
Photoelektrischer N채herungsschalter
LFS-3030-103 CONTRINEX-LFS-3030-103 Datasheet
122Kb / 2P
Photoelektrischer N채herungsschalter
LFS-3030-104 CONTRINEX-LFS-3030-104 Datasheet
122Kb / 2P
Photoelektrischer N채herungsschalter
LFS-3031-301 CONTRINEX-LFS-3031-301 Datasheet
130Kb / 2P
Photoelektrische Sensoren
More results

Similar Description - LFS

ManufacturerPart #DatasheetDescription
logo
Intersema Sensoric SA
MS767 INTERSEMA-MS767 Datasheet
214Kb / 4P
PRESSURE SENSOR DIE (0-7 BAR)
MS7812 INTERSEMA-MS7812 Datasheet
411Kb / 4P
PRESSURE SENSOR DIE (0-12 BAR)
MS7801 INTERSEMA-MS7801 Datasheet
465Kb / 4P
PRESSURE SENSOR DIE (0-1 BAR)
MS767 INTERSEMA-MS767_08 Datasheet
223Kb / 4P
PRESSURE SENSOR DIE (0-7 BAR)
MS7901 INTERSEMA-MS7901 Datasheet
257Kb / 5P
PRESSURE SENSOR DIE (0-1 BAR)
MS7902 INTERSEMA-MS7902 Datasheet
220Kb / 5P
PRESSURE SENSOR DIE (0-2 BAR)
MS7904 INTERSEMA-MS7904 Datasheet
220Kb / 5P
PRESSURE SENSOR DIE (0-4 BAR)
MS7930 INTERSEMA-MS7930 Datasheet
220Kb / 5P
PRESSURE SENSOR DIE (0-30 BAR)
MS7970 INTERSEMA-MS7970 Datasheet
220Kb / 5P
PRESSURE SENSOR DIE (0-70 BAR)
logo
Schneider Electric
XMLB020A2S12EX SCHNEIDER-XMLB020A2S12EX Datasheet
140Kb / 5P
pressure switch XMLB - 20 bar - adjustable scale 2 thresholds - 1 C/O
Jan 19, 2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com