Electronic Components Datasheet Search
  English  ▼

X  

2SC2383 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # 2SC2383
Description  NPN Plastic Encapsulated Elektronische Bauelemente Transistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2SC2383 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  2SC2383_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2SC2383
1A , 160V
NPN Plastic Encapsulated Transistor
Elektronische Bauelemente
10-Sep-2012 Rev.A
Page 1 of 1
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
1
Base
3
Emitter
Collector
2
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Small Flat Package
General Purpose Application
CLASSIFICATION OF hFE
Product-Rank
2SC2383-O
2SC2383-Y
Range
100~200
160~320
PACKAGE INFORMATION
ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Collector-Base Voltage
VCBO
160
V
Collector-Emitter Voltage
VCEO
160
V
Emitter-Base Voltage
VEBO
6
V
Collector Current-Continuous
IC
1
A
Collector Power Dissipation
PC
0.5
mW
Junction & Storage Temperature
TJ, TSTG
150, -55~150
°C
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test conditions
Collector-Base Breakdown Voltage
V(BR)CBO
160
-
-
V
IC=0.1mA, IE=0
Collector-Emitter Breakdown Voltage
V(BR)CEO
160
-
-
V
IC=10mA, IB=0
Emitter-Base Breakdown Voltage
V(BR)EBO
6
-
-
V
IE=10µA, IC=0
Collector Cut-Off Current
ICBO
-
-
-
1
µ
A
VCB=150V, IE=0
Emitter Cut-Off Current
IEBO
-
-
1
µ
A
VEB=6V, IC=0
DC Current Gain
hFE
100
-
320
VCE=5V, IC=200mA
Collector-Emitter Saturation voltage
VCE(sat)
-
-
1
V
IC=500mA, IB=50mA
Base-Emitter voltage
VBE
0.45
-
0.75
V
IC=5mA, VCE=5V
Transition Frequency
fT
20
-
-
MHz VCE=5V,IC=200mA
Collector Output Capacitance
COB
-
-
20
pF
VCB=10V, IE=0, f=1MHz
Package
MPQ
Leader Size
SOT-89
1K
7 inch
SOT-89
A
E
C
D
B
K
H
F
G
L
J
1
2
3
4
B C
E
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
4.40
4.60
G
0.40
0.58
B
3.94
4.25
H
1.50
TYP
C
1.40
1.60
J
3.00
TYP
D
2.25
2.60
K
0.32
0.52
E
1.50
1.85
L
0.35
0.44
F
0.89
1.20


Similar Part No. - 2SC2383_15

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SC2383 KEXIN-2SC2383_15 Datasheet
1Mb / 2P
NPN Transistors
logo
Unisonic Technologies
2SC2383 UTC-2SC2383_15 Datasheet
65Kb / 3P
COLOR TV AUDIO OUTPUT COLOR TV VERTICAL OUTPUT
More results

Similar Description - 2SC2383_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
3DD13003B SECOS-3DD13003B Datasheet
523Kb / 2P
NPN Plastic-Encapsulated Elektronische Bauelemente Transistor
2SD1005 SECOS-2SD1005_15 Datasheet
78Kb / 1P
NPN Plastic Encapsulated Elektronische Bauelemente Transistor
2SD1271A SECOS-2SD1271A_15 Datasheet
595Kb / 2P
NPN Plastic-Encapsulated Elektronische Bauelemente Transistor
BC212 SECOS-BC212_15 Datasheet
72Kb / 1P
PNP Plastic Encapsulated Elektronische Bauelemente Transistor
BC556 SECOS-BC556_15 Datasheet
314Kb / 3P
Elektronische Bauelemente
BCPA1666 SECOS-BCPA1666_15 Datasheet
78Kb / 1P
PNP Plastic Encapsulated Elektronische Bauelemente Transistor
KTC1027 SECOS-KTC1027_15 Datasheet
57Kb / 1P
NPN Plastic Encapsulated Elektronische Bauelemente Transistor
MPSA55 SECOS-MPSA55_15 Datasheet
66Kb / 1P
PNP Plastic Encapsulated Elektronische Bauelemente Transistor
SCS221T SECOS-SCS221T_15 Datasheet
153Kb / 2P
Plastic-Encapsulated Elektronische Bauelemente Switching Diode
M28ST SECOS-M28ST Datasheet
59Kb / 1P
1A , 40V NPN Plastic Encapsulated Elektronische Bauelemente Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com