Electronic Components Datasheet Search
  English  ▼

X  

2SC2655 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # 2SC2655
Description  NPN Plastic Encapsulated Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2SC2655 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  2SC2655_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2SC2655_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH 2SC2655_15 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2SC2655
2A , 50V
NPN Plastic Encapsulated Transistor
Elektronische Bauelemente
28-Mar-2011 Rev. A
Page 1 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.

Base

Emitter
Collector

RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Low saturation voltage:VCE(sat)=0.5V(Max)(IC=1A)
High speed switching time:tstg=1μs(Typ.)
Complementary to 2SA1020
CLASSIFICATION OF hFE (1)
Product-Rank
2SC2655-O
2SC2655-Y
Range
70-140
120-240
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Rating
Unit
Collector to Base Voltage
VCBO
50
V
Collector to Emitter Voltage
VCEO
50
V
Emitter to Base Voltage
VEBO
5
V
Collector Current - Continuous
IC
2
A
Collector Power Dissipation
PC
0.9
W
Junction, Storage Temperature
TJ, TSTG
150, -55~150
°C
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Collector to Base Breakdown Voltage
V(BR)CBO
50
-
-
V
IC=100μA, IE=0
Collector to Emitter Breakdown Voltage
V(BR)CEO
50
-
-
V
IC=10mA, IB=0
Emitter to Base Breakdown Voltage
V(BR)EBO
5
-
-
V
IE=100μA, IC=0
Collector Cut-Off Current
ICBO
-
-
1
μA
VCB=50V, IE=0
Emitter Cut-Off Current
IEBO
-
-
1
μA
VEB=5V, IC=0
DC Current Gain
hFE (1)
70
-
240
VCE=2V, IC=0.5A
hFE (2)
40
-
-
VCE=2V, IC=1.5A
Collector to Emitter Saturation Voltage
VCE(sat)
-
-
0.5
V
IC=1A, IB=0.05A
Base to Emitter Saturation Voltage
VBE(sat)
-
-
1.2
V
IC=1A, IB=0.05A
Transition Frequency
fT
-
100
-
MHz
VCE=2V, IC=0.5A
Collector Output Capacitance
Cob
-
30
-
pF
VCB=10V, IE=0, f=1MHz
Switch Time
Turn-on Time
Ton
-
0.15
-
μs
VCC=30V
IB1= -IB2=0.05A
IC=1A
Storage Time
Ts
-
2
-
Fall Time
Tf
-
0.15
-
TO-92MOD
Emitter
Collector
Base
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
5.50
6.50
H
1.70
2.05
B
8.00
9.00
J
2.70
3.20
C
12.70
14.50
K
0.85
1.15
D
4.50
5.30
L
1.60 Max
E
0.35
0.65
M
0.00
0.40
F
0.30
0.51
N
4.00 Min
G
1.50 TYP.
A
C
E
K
F
D
B
G
H
J
L
M
N


Similar Part No. - 2SC2655_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SC2655 UTC-2SC2655_11 Datasheet
259Kb / 4P
POWER AMPLIFIER APPLICATIONS POWER SWITCHING APPLICATIONS
More results

Similar Description - 2SC2655_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2N5172 SECOS-2N5172 Datasheet
81Kb / 1P
NPN Plastic Encapsulated Transistor
2N5832 SECOS-2N5832 Datasheet
83Kb / 1P
NPN Plastic Encapsulated Transistor
2N6517 SECOS-2N6517 Datasheet
142Kb / 1P
NPN Plastic Encapsulated Transistor
2SC1008 SECOS-2SC1008 Datasheet
83Kb / 1P
NPN Plastic Encapsulated Transistor
2SC1318A SECOS-2SC1318A Datasheet
135Kb / 2P
NPN Plastic Encapsulated Transistor
2SC1923 SECOS-2SC1923 Datasheet
83Kb / 1P
NPN Plastic Encapsulated Transistor
D882S SECOS-D882S Datasheet
214Kb / 2P
NPN Plastic Encapsulated Transistor
2SC4548 SECOS-2SC4548 Datasheet
77Kb / 1P
NPN Plastic Encapsulated Transistor
2SBA42 SECOS-2SBA42 Datasheet
74Kb / 1P
NPN Plastic Encapsulated Transistor
2SC2668 SECOS-2SC2668 Datasheet
140Kb / 2P
NPN Plastic-Encapsulated Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com