Electronic Components Datasheet Search
  English  ▼

X  

2SC4097 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # 2SC4097
Description  NPN Plastic-Encapsulate Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2SC4097 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  2SC4097_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2SC4097_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
2SC4097
0.5A , 32V
NPN Plastic-Encapsulate Transistor
11-Jun-2014 Rev. D
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
Top View
A
L
C B
D
G
H
J
F
K
E
1
2
3
1
2
3
1
Base
2
Emitter
Collector
3
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
High ICMax. ICMax=0.5A.
Low VCE(sat). Optimal for low voltage operation.
Complementary to 2SA1577
MECHANICAL DATA
Terminals: Solderable per MIL-STD-202, Method 208
Polarity: See Diagrams Below
Mounting Position: Any
CLASSIFICATION OF hFE
Product-Rank
2SC4097-P
2SC4097-Q
2SC4097-R
Range
82~180
120~270
180~390
Marking
CP
CQ
CR
PACKAGE INFORMATION
Package
MPQ
LeaderSize
SOT-323
3K
7’ inch
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Rating
Unit
Collector-Base Voltage
VCBO
40
V
Collector-Emitter Voltage
VCEO
32
V
Emitter-Base Voltage
VEBO
5
V
Collector Current
IC
500
mA
Collector Power Dissipation
PC
200
mW
Junction & Storage temperature
TJ, TSTG
150, -55~150
°C
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Collector-Base Breakdown Voltage
V(BR)CBO
40
-
-
V
IC=100µA, IE=0
Collector-Emitter Breakdown Voltage
V(BR)CEO
32
-
-
V
IC=1mA, IB=0
Emitter-Base Breakdown Voltage
V(BR)EBO
5
-
-
V
IE=100µA, IC=0
Collector Cut-Off Current
ICBO
-
-
1
µ
A
VCB=20V, IE=0
Emitter Cut-off Current
IEBO
-
-
1
µ
A
VEB=4V, IC=0
DC Current Gain
hFE
82
-
390
VCE=3V, IC=10mA
Collector-Emitter Saturation Voltage
VCE(sat)
-
-
0.4
V
IC=500mA, IB=50mA
Transition Frequency
fT
-
250
-
MHz
VCE=5V, IC=20mA, f=100MHz
Collector Output Capacitance
Cob
-
6
-
pF
VCB=10V, IE=0, f=1MHz
SOT-323
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
1.80
2.20
G
0.100 REF.
B
1.80
2.45
H
0.525 REF.
C
1.15
1.35
J
0.08
0.25
D
0.80
1.10
K
-
-
E
1.20
1.40
L
0.650 TYP.
F
0.20
0.40


Similar Part No. - 2SC4097_15

ManufacturerPart #DatasheetDescription
logo
SHENZHEN YONGERJIA INDU...
2SC4097 WINNERJOIN-2SC4097_15 Datasheet
129Kb / 1P
NPN TRANSISTOR
More results

Similar Description - 2SC4097_15

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
2SD2098 WEITRON-2SD2098 Datasheet
111Kb / 5P
NPN Plastic-Encapsulate Transistor
logo
SeCoS Halbleitertechnol...
2SD2142 SECOS-2SD2142 Datasheet
218Kb / 2P
NPN Plastic Plastic-Encapsulate Transistor
2SC2883 SECOS-2SC2883 Datasheet
370Kb / 3P
NPN Plastic-Encapsulate Transistor
2SC4098 SECOS-2SC4098 Datasheet
83Kb / 1P
NPN Plastic-Encapsulate Transistor
2SC4116 SECOS-2SC4116 Datasheet
172Kb / 3P
NPN Plastic-Encapsulate Transistor
2SC4215 SECOS-2SC4215 Datasheet
195Kb / 3P
NPN Plastic-Encapsulate Transistor
2SC4373 SECOS-2SC4373 Datasheet
77Kb / 1P
NPN Plastic-Encapsulate Transistor
2SD602 SECOS-2SD602_11 Datasheet
1Mb / 3P
NPN Plastic-Encapsulate Transistor
2SD602 SECOS-2SD602 Datasheet
1Mb / 3P
NPN Plastic-Encapsulate Transistor
BC846W SECOS-BC846W Datasheet
909Kb / 4P
NPN Plastic Encapsulate Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com