Electronic Components Datasheet Search
  English  ▼

X  

2SC4116 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # 2SC4116
Description  NPN Plastic-Encapsulate Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2SC4116 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  2SC4116_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2SC4116_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH 2SC4116_15 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Elektronische Bauelemente
2SC4116
0.15A , 60V
NPN Plastic-Encapsulate Transistor
22-Feb-2012 Rev. B
Page 1 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
Top View
A
L
C B
D
G
H
J
F
K
E
1
2
3
1
2
3

Base

Emitter
Collector

RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
High voltage and high current.
Excellent hFE linearity.
High hFE.
Low noise.
Complementary to 2SA1586
CLASSIFICATION OF hFE
Product-Rank
2SC4116-O
2SC4116-Y
2SC4116-GR 2SC4116-BL
Range
70~140
120~240
200~400
350~700
Marking
LO
LY
LG
LL
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOT-323
3K
7 inch
ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise specified)
Parameter
Symbol
Rating
Unit
Collector-Base Voltage
VCBO
60
V
Collector-Emitter Voltage
VCEO
50
V
Emitter-Base Voltage
VEBO
5
V
Collector Current
IC
150
mA
Collector Power Dissipation
PC
100
mW
Junction & Storage temperature
TJ, TSTG
150, -55~150
°C
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Condition
Collector-Base Breakdown Voltage
V(BR)CBO
60
-
-
V
IC=100μA, IE=0
Collector-Emitter Breakdown Voltage
V(BR)CEO
50
-
-
V
IC=1mA, IB=0
Emitter-Base Breakdown Voltage
V(BR)EBO
5
-
-
V
IE=100μA, IC=0
Collector Cut-Off Current
ICBO
-
-
0.1
μA
VCB=60V, IE=0
Emitter Cut-off Current
IEBO
-
-
0.1
μA
VEB=5V, IC=0
DC Current Gain
hFE
70
-
700
VCE=6V, IC=2mA
Collector-Base Saturation Voltage
VCE(sat)
-
-
0.25
V
IC=100mA, IB=10mA
Transition Frequency
fT
80
-
-
MHz
VCE=10V, IC=1mA
Collector Output Capacitance
Cob
-
-
3.5
pF
VCB=10V, IE=0, f=1MHz
Noise Figure
NF
-
-
10
dB
VCE=6V, IC=0.1mA, f=1KHz,
Rg=10KΩ
SOT-323
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
1.80
2.20
G
0.100 REF.
B
1.80
2.45
H
0.525 REF.
C
1.15
1.35
J
0.08
0.25
D
0.80
1.10
K
-
-
E
1.20
1.40
L
0.650 TYP.
F
0.20
0.40


Similar Part No. - 2SC4116_15

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
2SC4116-BL MCC-2SC4116-BL Datasheet
339Kb / 4P
NPN Plastic-Encapsulate Transistors
2SC4116-BL MCC-2SC4116-BL Datasheet
274Kb / 4P
NPN Plastic-Encapsulate Transistors
2SC4116-GR MCC-2SC4116-GR Datasheet
339Kb / 4P
NPN Plastic-Encapsulate Transistors
2SC4116-GR MCC-2SC4116-GR Datasheet
274Kb / 4P
NPN Plastic-Encapsulate Transistors
logo
Toshiba Semiconductor
2SC4116-GRTE85LF TOSHIBA-2SC4116-GRTE85LF Datasheet
321Kb / 5P
Audio Frequency General Purpose Amplifier Applications
More results

Similar Description - 2SC4116_15

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
2SD2098 WEITRON-2SD2098 Datasheet
111Kb / 5P
NPN Plastic-Encapsulate Transistor
logo
SeCoS Halbleitertechnol...
2SD2142 SECOS-2SD2142 Datasheet
218Kb / 2P
NPN Plastic Plastic-Encapsulate Transistor
2SC2883 SECOS-2SC2883 Datasheet
370Kb / 3P
NPN Plastic-Encapsulate Transistor
2SC4098 SECOS-2SC4098 Datasheet
83Kb / 1P
NPN Plastic-Encapsulate Transistor
2SC4116 SECOS-2SC4116 Datasheet
172Kb / 3P
NPN Plastic-Encapsulate Transistor
2SC4215 SECOS-2SC4215 Datasheet
195Kb / 3P
NPN Plastic-Encapsulate Transistor
2SC4373 SECOS-2SC4373 Datasheet
77Kb / 1P
NPN Plastic-Encapsulate Transistor
2SD602 SECOS-2SD602_11 Datasheet
1Mb / 3P
NPN Plastic-Encapsulate Transistor
2SD602 SECOS-2SD602 Datasheet
1Mb / 3P
NPN Plastic-Encapsulate Transistor
BC846W SECOS-BC846W Datasheet
909Kb / 4P
NPN Plastic Encapsulate Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com