Electronic Components Datasheet Search
  English  ▼

X  

2SC4548 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # 2SC4548
Description  NPN Plastic Encapsulated Transistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2SC4548 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  2SC4548_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2SC4548
0.2A , 400V
NPN Plastic Encapsulated Transistor
Elektronische Bauelemente
04-Nov-2011 Rev. A
Page 1 of 1
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
1
Base
3
Emitter
Collector
2
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Small Flat Package
High Breakdown Voltage
Excellent hFE Linearity
CLASSIFICATION OF hFE
Product-Rank
2SC4548-D
2SC4548-E
Range
60~120
100~200
Marking
CN
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOT-89
1K
7 inch
ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Collector-Base Voltage
VCBO
400
V
Collector-Emitter Voltage
VCEO
400
V
Emitter-Base Voltage
VEBO
5
V
Collector Current-Continuous
IC
200
mA
Collector Power Dissipation
PC
500
mW
Maximum Junction to Ambient
RθJA
250
°C / W
Junction & Storage Temperature
TJ, TSTG
150, -55~150
°C
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test conditions
Collector-Base Breakdown Voltage
V(BR)CBO
400
-
-
V
IC=10µA, IE=0
Collector-Emitter Breakdown Voltage
V(BR)CEO
400
-
-
V
IC=1mA, IB=0
Emitter-Base Breakdown Voltage
V(BR)EBO
5
-
-
V
IE=10µA, IC=0
Collector Cut-Off Current
ICBO
-
-
-
0.1
µA
VCB=300V, IE=0
Emitter Cut-Off Current
IEBO
-
-
0.1
µA
VEB=4V, IC=0
DC Current Gain
hFE
60
-
200
VCE=10V, IC= 50mA
Collector-Emitter Saturation voltage
VCE(sat)
-
-
0.6
V
IC=50mA, IB= 5mA
Base-Emitter Saturation Voltage
VBE(sat)
-
-
1
V
IC=50mA, IB= 5mA
Transition Frequency
fT
-
70
-
MHz
VCE=30V, IC=10mA
Collector Output Capacitance
COB
-
4
-
pF
VCB=30V, IE=0, f=1MHz
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
4.40
4.60
G
0.40
0.58
B
3.94
4.25
H
1.50
TYP
C
1.40
1.60
J
3.00
TYP
D
2.25
2.60
K
0.32
0.52
E
1.50
1.85
L
0.35
0.44
F
0.89
1.20
SOT-89
A
E
C
D
B
K
H
F
G
L
J
1
2
3
4
B C
E


Similar Part No. - 2SC4548_15

ManufacturerPart #DatasheetDescription
logo
SHENZHEN YONGERJIA INDU...
2SC4548 WINNERJOIN-2SC4548_15 Datasheet
102Kb / 1P
NPN TRANSISTOR
logo
Unisonic Technologies
2SC4548 UTC-2SC4548_15 Datasheet
236Kb / 5P
HIGH VOLTAGE DRIVER APPLICATION
More results

Similar Description - 2SC4548_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2N5172 SECOS-2N5172 Datasheet
81Kb / 1P
NPN Plastic Encapsulated Transistor
2N5832 SECOS-2N5832 Datasheet
83Kb / 1P
NPN Plastic Encapsulated Transistor
2N6517 SECOS-2N6517 Datasheet
142Kb / 1P
NPN Plastic Encapsulated Transistor
2SC1008 SECOS-2SC1008 Datasheet
83Kb / 1P
NPN Plastic Encapsulated Transistor
2SC1318A SECOS-2SC1318A Datasheet
135Kb / 2P
NPN Plastic Encapsulated Transistor
2SC1923 SECOS-2SC1923 Datasheet
83Kb / 1P
NPN Plastic Encapsulated Transistor
D882S SECOS-D882S Datasheet
214Kb / 2P
NPN Plastic Encapsulated Transistor
2SC4548 SECOS-2SC4548 Datasheet
77Kb / 1P
NPN Plastic Encapsulated Transistor
2SBA42 SECOS-2SBA42 Datasheet
74Kb / 1P
NPN Plastic Encapsulated Transistor
2SC2668 SECOS-2SC2668 Datasheet
140Kb / 2P
NPN Plastic-Encapsulated Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com