Electronic Components Datasheet Search
  English  ▼

X  

AK-ESATA-100-R Datasheet(PDF) 1 Page - Assmann Electronics Inc.

Part # AK-ESATA-100-R
Description  External SATA (eSATA) Cable
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

AK-ESATA-100-R Datasheet(HTML) 1 Page - Assmann Electronics Inc.

  AK-ESATA-100-R Datasheet HTML 1Page - Assmann Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
2
3
4
5
6
7
1
2
3
4
5
6
7
A
B
C
D
E
F
G
H
A
B
C
D
E
F
G
H
Item No.
Drawing No.
Title
Name
Chappell
Drawn
12.29.11
Approved
Modification
Date
Name
Scale
TOLERANCE
1:1
X.X
X.XX
X.XXX
Angle
±0.40
±0.25
±0.15
±3°
Replace
Sheet
AK-ESATA-100-R
External SATA (eSATA) Cable -
7P/F <=> 7P/F, 1M
Complaint
RoHS
rev00
Material:
• Cable: UL2725 [26AWG(1/0.404)*2F INS:HD-PE+D/W(1/0.32)*2C+AL/MY]*2F
- Inner Jacket PVC
- OD 2.1*7.3MM +Braid(16/10/0.1)+PVC Jacket Color: Black OD 4.0*9.0MM
- L730+5/-0MM
• Connectors: eSATA 7P/F Crimp Type
- Pin G/F
- Insulator Black
• Tube: Heat shrink tube Black OD 12MM L 10MM
• Acetate: Acetate cloth tape W 10MM * L 40MM
• Copper Foil: Double-Sided conductive copper foil W 10MM*L 30MM
• Outer Jacket: PVC 45P Color Black
Electrical:
• 100% Open Short & Miswire test
• Hi-Pat Test 300V DC
Unit: MM
Pin Assignment
P2
P1
1,000±20
Section A-A
Scale 2:1
Seal
130
230


Similar Part No. - AK-ESATA-100-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AK-ESATA-150-R ASSMANN-AK-ESATA-150-R Datasheet
86Kb / 1P
External SATA (eSATA) Cable
More results

Similar Description - AK-ESATA-100-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AK-ESATA-075-R ASSMANN-AK-ESATA-075-R Datasheet
86Kb / 1P
External SATA (eSATA) Cable
AK-ESATA-150-R ASSMANN-AK-ESATA-150-R Datasheet
86Kb / 1P
External SATA (eSATA) Cable
AK-ESATA-SATA100-R ASSMANN-AK-ESATA-SATA100-R Datasheet
104Kb / 1P
External SATA (eSATA)
AK-ESATA-SATA150-R ASSMANN-AK-ESATA-SATA150-R Datasheet
104Kb / 1P
External SATA (eSATA)
logo
Tripp Lite. All Rights ...
P95018I TRIPPLITE-P95018I Datasheet
474Kb / 2P
eSATA, SATA-II External Signal Shielded Cable (7Pin-7Pin), 18-in
P95036I TRIPPLITE-P95036I Datasheet
474Kb / 2P
eSATA, SATA-II External Signal Shielded Cable (7Pin-7Pin), 36-in
logo
Glenair, Inc.
963-013 GLENAIR-963-013 Datasheet
205Kb / 1P
SATA / eSATA
logo
Tripp Lite. All Rights ...
P950-02M TRIPPLITE-P950-02M Datasheet
473Kb / 2P
eSATA, SATA-II External Signal Shielded Cable (7Pin/7Pin), 6-ft. (2M)
P950-18I TRIPPLITE-P950-18I Datasheet
154Kb / 2P
eSATA, SATA-II External Signal Shielded Cable (7Pin/7Pin), 18-in.
P950-36I TRIPPLITE-P950-36I Datasheet
154Kb / 2P
eSATA, SATA-II External Signal Shielded Cable (7Pin/7Pin), 36-in.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com