Electronic Components Datasheet Search
  English  ▼

X  

2SC4617 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # 2SC4617
Description  NPN Silicon General Purpose Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2SC4617 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  2SC4617_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2SC4617_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
2SC4617
0.15A , 60V
NPN Silicon General Purpose Transistor
24-Feb-2011 Rev. D
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
1
Base
2
Emitter
Collector
3
RoHS Compliant Product
A suffix of “-C” specifies halogen and lead free
FEATURES
Low Cob. Cob=2.0pF
Complement of 2SA1774
CLASSIFICATION OF hFE
Product-Rank
2SC4617-Q
2SC4617-R
2SC4617-S
Range
120~270
180~390
270~560
Marking
BQ
BR
BS
PACKAGE INFORMATION
Package
MPQ
LeaderSize
SOT-523
3K
7’ inch
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Collector to Base Voltage
VCBO
60
V
Collector to Emitter Voltage
VCEO
50
V
Emitter to Base Voltage
VEBO
7
V
Collector Currrent
IC
150
mA
Collector Power Dissipation
PC
150
mW
Junction & Storage Temperature
TJ, TSTG
150, -55 ~ 150
℃
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Collector-base breakdown voltage
V(BR)CBO
60
-
-
V
IC=50
μA, I
E=0
Collector-emitter breakdown voltage
V(BR)CEO
50
-
-
V
IC=1
mA, I
B=0
Emitter-base breakdown voltage
V(BR)EBO
7
-
-
V
IE=50
μA, I
C=0
Collector cut-off current
ICBO
-
-
0.1
μA
VCB=60V, IE=0
Emitter cut-off current
IEBO
-
-
0.1
μA
VEB= 7V, IC=0
Collector-emitter saturation voltage *
VCE(sat)
-
-
0.4
V
IC=50mA, IB=5mA
DC current gain
hFE
120
-
560
VCE=6V, IC=1mA
Transition frequency
fT
-
180
-
MHz
VCE=12V, IE=2mA, f=100MHz
Collector output capacitance
Cob
-
-
3.5
pF
VCB=12V, IE=0, f=1MHz
* Pulse Test :Pulse Width ≤300us,D.C ≤ 2%
SOT-523
Top View
A
L
M
C B
D
G
H
J
F
K
E
1
2
3
1
2
3
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
1.5
1.7
G
-
0.1
B
1.45
1.75
H
0.55 REF.
C
0.75
0.85
J
0.1
0.2
D
0.7
0.9
K
-
E
0.9
1.1
L
0.5 TYP.
F
0.15
0.25
M
0.25
0.325


Similar Part No. - 2SC4617_15

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SC4617 KEXIN-2SC4617_15 Datasheet
1Mb / 2P
NPN Transistors
logo
SHENZHEN YONGERJIA INDU...
2SC4617 WINNERJOIN-2SC4617_15 Datasheet
107Kb / 1P
NPN TRANSISTOR
More results

Similar Description - 2SC4617_15

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
BC847A ZOWIE-BC847A Datasheet
79Kb / 4P
GENERAL PURPOSE TRANSISTOR NPN SILICON
BC849B ZOWIE-BC849B Datasheet
78Kb / 4P
GENERAL PURPOSE TRANSISTOR NPN SILICON
MMBT3906 ZOWIE-MMBT3906 Datasheet
107Kb / 5P
GENERAL PURPOSE TRANSISTOR NPN SILICON
logo
Weitron Technology
MMBT3904W WEITRON-MMBT3904W Datasheet
368Kb / 7P
General Purpose Transistor NPN Silicon
logo
SeCoS Halbleitertechnol...
2SC1213 SECOS-2SC1213 Datasheet
77Kb / 2P
NPN Silicon General Purpose Transistor
2SC2235 SECOS-2SC2235 Datasheet
181Kb / 2P
NPN Silicon General Purpose Transistor
2SC2412 SECOS-2SC2412 Datasheet
331Kb / 3P
NPN Silicon General Purpose Transistor
logo
SEMTECH ELECTRONICS LTD...
MMBT4401 SEMTECH_ELEC-MMBT4401 Datasheet
185Kb / 2P
NPN Silicon General Purpose Transistor
logo
Zowie Technology Corpor...
MMBT2222AGH ZOWIE-MMBT2222AGH Datasheet
84Kb / 5P
General Purpose Transistor NPN Silicon
logo
SeCoS Halbleitertechnol...
2SC4618 SECOS-2SC4618_11 Datasheet
456Kb / 2P
NPN Silicon General Purpose Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com