Electronic Components Datasheet Search
  English  ▼

X  

ASL13C Datasheet(PDF) 10 Page - Advanced Semiconductor Business Inc.

Part # ASL13C
Description  5 ~ 3000 MHz MMIC Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL13C Datasheet(HTML) 10 Page - Advanced Semiconductor Business Inc.

Back Button ASL13C_15 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASL13C_15 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASL13C_15 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASL13C_15 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASL13C_15 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. ASL13C_15 Datasheet HTML 10Page - Advanced Semiconductor Business Inc. ASL13C_15 Datasheet HTML 11Page - Advanced Semiconductor Business Inc. ASL13C_15 Datasheet HTML 12Page - Advanced Semiconductor Business Inc. ASL13C_15 Datasheet HTML 13Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10/13
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7225
December 2014
ASL13C
5 ~ 3000 MHz MMIC Amplifier
RF IN
RF OUT
Vsupply=+5 V
C1=100 pF
C2=100 pF
L1=12 nH
C6=10 nF
C5=100 pF
R1=1.6 k
ASL13C
RD=8.2 
RB=5.6 k
L3=2.7 nH
L2=39 nH
C3=2.2 pF
C4=100 pF
C7=1
F
1200
1300
1400
1500
1600
1700
0
5
10
15
20
Frequency (MHz)
1200
1300
1400
1500
1600
1700
-25
-20
-15
-10
-5
0
Frequency (MHz)
1200
1300
1400
1500
1600
1700
-25
-20
-15
-10
-5
0
Frequency (MHz)
500
1000
1500
2000
2500
3000
0
1
2
3
4
5
Frequency [MHz]
1) OIP3 is measured with two tones at an output power of +10 dBm/tone sepa-
rated by 1 MHz.
2) OIP3 is measured with two tones at an output power of +5 dBm/tone sepa-
rated by 1 MHz
Board Layout (FR4, 40x40 mm2, 0.8T)
Schematic
S-parameters & K-factor
APPLICATION CIRCUIT
Frequency (MHz)
1470
1470
Magnitude S21 (dB)
15.6
15.6
Magnitude S11 (dB)
-18
-19
Magnitude S22 (dB)
-16
-17
Output P1dB (dBm)
21.5
17.3
Output IP3 (dBm)
38.31)
33.02)
Noise Figure (dB)
0.85
0.80
Device Voltage (V)
+4.5
+2.6
Current (mA)
59
55
Note: RB=11 k
, RD=7.5  for +3 V supply voltage.
DAB L-band
1470 MHz
+5 V / +3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com