Electronic Components Datasheet Search
  English  ▼

X  

ASL19C Datasheet(PDF) 1 Page - Advanced Semiconductor Business Inc.

Part # ASL19C
Description  5 ~ 3000 MHz High Linearity LNA MMIC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL19C Datasheet(HTML) 1 Page - Advanced Semiconductor Business Inc.

  ASL19C_15 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASL19C_15 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASL19C_15 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASL19C_15 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASL19C_15 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASL19C_15 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASL19C_15 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASL19C_15 Datasheet HTML 8Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7225
March 2015
ASL19C
5 ~ 3000 MHz High Linearity LNA MMIC
(Supply Voltage = +5.0 V, TA = +25 C, Z0 = 50 )
Parameters
Units
Typical
Frequency
MHz
850
2000
Gain
dB
19.5
13.0
S11
dB
-18
-18
S22
dB
-13
-14
Output IP31)
dBm
35.5
37.5
Noise Figure
dB
0.8
0.9
Output P1dB
dBm
21.0
21.5
Current
mA
68
68
Device Voltage
V
+4.0
+4.0
1) OIP3 is measured with two tones at an output power of +10 dBm/tone separated by 1 MHz.
Parameters
Units
Min
Typ
Max
Testing Frequency
MHz
2000
Gain
dB
13.0
S11
dB
-18
S22
dB
-16
Output IP3
dBm
37.5
Noise Figure
dB
0.9
Output P1dB
dBm
21.5
Current
mA
68
Device Voltage
V
+4.0
Parameters
Rating
Operating Case Temperature
-40 to
85 C
Storage Temperature
-40 to
150 C
Device Voltage
+5.5 V
Operating Junction Temperature
+150
C
Input RF Power (CW, 50
 matched)1)
+22 dBm
1) Please find the max. input power data from http://www.asb.co.kr/pdf/Maximum_Input_Power_Analysis.pdf
Features
Description
Absolute Maximum Ratings
13.0 dB Gain at 2000 MHz
21.5 dBm P1dB at 2000 MHz
37.5 dBm Output IP3 at 2000 MHz
0.9 dB NF at 2000 MHz
MTTF > 100 Years
Single Supply
The ASL19C, a wideband linear low noise amplifier
MMIC, has a low noise and high linearity at low bias
current, being suitable for use in both receiver and
transmitter of telecommunication systems up to 3 GHz.
S11 down to –18 dB is easily achieved for low noise
application to provide a good productivity. The amplifi-
er is available in a SOT89 package and passes
through the stringent DC, RF, and reliability tests.
Application Circuit
·
IF, FM
·
CDMA
·
GPS
·
WCDMA
Product Specifications
Typical Performance
ASL19C
Package Style: SOT89


Similar Part No. - ASL19C_15

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASL19C ASB-ASL19C_17 Datasheet
882Kb / 10P
High Linearity LNA MMIC
April 2017
More results

Similar Description - ASL19C_15

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASL19W ASB-ASL19W Datasheet
588Kb / 19P
DC-3000 MHz High Linearity LNA MMIC
February 2009
ASL03S ASB-ASL03S Datasheet
314Kb / 4P
5-4000 MHz High Linearity LNA MMIC
May 2012
ASL09C ASB-ASL09C Datasheet
225Kb / 3P
5-4000 MHz High Linearity LNA MMIC
September 2012
ASL19C ASB-ASL19C Datasheet
317Kb / 4P
5-3000 MHz High Linearity LNA MMIC
September 2012
ASL29W ASB-ASL29W Datasheet
834Kb / 11P
5-3000 MHz High Linearity LNA MMIC
February 2010
ASL210 ASB-ASL210 Datasheet
505Kb / 8P
5-3000 MHz High Linearity LNA MMIC
February 2011
ASL09C ASB-ASL09C_13 Datasheet
361Kb / 3P
5 ~ 4000 MHz High Linearity LNA MMIC
September 2012
ASL19W ASB-ASL19W_14 Datasheet
780Kb / 22P
5-3000 MHz High Linearity LNA MMIC
April 2014
ASL29W ASB-ASL29W_13 Datasheet
727Kb / 11P
5 ~ 3000 MHz High Linearity LNA MMIC
February 2010
ASL210 ASB-ASL210_13 Datasheet
539Kb / 9P
5 ~ 3000 MHz High Linearity LNA MMIC
April 2013
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com