Electronic Components Datasheet Search
  English  ▼

X  

ASL19W Datasheet(PDF) 16 Page - Advanced Semiconductor Business Inc.

Part # ASL19W
Description  5-3000 MHz High Linearity LNA MMIC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL19W Datasheet(HTML) 16 Page - Advanced Semiconductor Business Inc.

Back Button ASL19W_14 Datasheet HTML 12Page - Advanced Semiconductor Business Inc. ASL19W_14 Datasheet HTML 13Page - Advanced Semiconductor Business Inc. ASL19W_14 Datasheet HTML 14Page - Advanced Semiconductor Business Inc. ASL19W_14 Datasheet HTML 15Page - Advanced Semiconductor Business Inc. ASL19W_14 Datasheet HTML 16Page - Advanced Semiconductor Business Inc. ASL19W_14 Datasheet HTML 17Page - Advanced Semiconductor Business Inc. ASL19W_14 Datasheet HTML 18Page - Advanced Semiconductor Business Inc. ASL19W_14 Datasheet HTML 19Page - Advanced Semiconductor Business Inc. ASL19W_14 Datasheet HTML 20Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
16/22
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7223
April 2014
ASL19W
5-3000 MHz High Linearity LNA MMIC
1) OIP3 is measured with two tones at an output power of +10 dBm/tone sepa-
rated by 1 MHz.
Board Layout (FR4, 40x40 mm2, 0.8T)
Schematic
S-parameters & K-factor
APPLICATION CIRCUIT
Note: A shunt RB is a bias resistor requisite to
operate ASL19W properly, while RD as a
voltage drop resistor is added to apply 4.4 V
to the device. A user can easily REDUCE an
operating current by choosing different RB
values with minimized loss only in OIP3 and
P1dB.
Frequency (MHz)
1750~1870
Magnitude S21 (dB)
13.5
Magnitude S11 (dB)
-18
Magnitude S22 (dB)
-15
Output P1dB (dBm)
21
Output IP31) (dBm)
37
Noise Figure (dB)
0.9
Device Voltage (V)
4.4
Current (mA)
73
Low Noise
PCS
1750 ~ 1870 MHz
+5 V
0
500
1000
1500
2000
2500
3000
3500
0
5
10
15
20
25
30
Frequency (MHz)
0
500
1000
1500
2000
2500
3000
3500
-25
-20
-15
-10
-5
0
Frequency (MHz)
0
500
1000
1500
2000
2500
3000
3500
-25
-20
-15
-10
-5
0
Frequency (MHz)
0
500
1000
1500
2000
2500
3000
3500
0
1
2
3
4
5
Frequency (MHz)
Vsupply=+5 V
L1=39 nH
C4=100 pF
ASL19W
C1=100 pF
C5=10 nF
RF IN
RF OUT
C3=100 pF
L2=39 nH
RB=
6.2 k
RD=8.2 
4.5 mm
C2=1 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com