Electronic Components Datasheet Search
  English  ▼

X  

ASL51S9 Datasheet(PDF) 4 Page - Advanced Semiconductor Business Inc.

Part # ASL51S9
Description  High Gain, Low Noise Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL51S9 Datasheet(HTML) 4 Page - Advanced Semiconductor Business Inc.

  ASL51S9 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASL51S9 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASL51S9 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASL51S9 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASL51S9 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASL51S9 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASL51S9 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASL51S9 Datasheet HTML 8Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4/8
ASB Inc.
 sales@asb.co.kr
June 2014
ASL51S9
3. Application: 1700 ~ 2000 MHz (Vsupply = +3.3 V)
3.1
Application Circuit & Evaluation Board
Bill of Material
Symbol
Value
Size
Description
Manufacturer
ASL51S9
-
-
MMIC Amplifier
ASB
C1
3 pF
0603
DC block and matching capacitor
Murata
C2
100 pF
0603
DC blocking capacitor
Murata
C3
100 pF
0603
Decoupling capacitor
Murata
C3
1
F
0603
Decoupling capacitor
Murata
L1
5.6 nH
0603
Matching inductor
Murata
L2
18 nH
0603
RF choke inductor
Murata
C1
C2
C3
L2
L1
C4
ASL51S9
RF IN
RF OUT
Vdevice = +3.3 V
PCB Information
Material
FR4
Thickness (mm)
0.8
Size (mm)
40x40
EB No.
EB-89-A2
4 mm



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com