Electronic Components Datasheet Search
  English  ▼

X  

ASL51T8 Datasheet(PDF) 1 Page - Advanced Semiconductor Business Inc.

Part # ASL51T8
Description  High Gain, Low Noise Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL51T8 Datasheet(HTML) 1 Page - Advanced Semiconductor Business Inc.

  ASL51T8 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASL51T8 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASL51T8 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASL51T8 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASL51T8 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASL51T8 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASL51T8 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASL51T8 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASL51T8 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/11
ASB Inc.
 sales@asb.co.kr
June 2014
ASL51T8
Product Overview
1.1
General Description
ASL51T8, a wideband linear low noise amplifier MMIC, has low noise and high linearity, being suitable for
use in both receiver and transmitter of telecommunication systems about 500 ~ 3000 MHz. The amplifier is
available in a TDFN8 package and passes through the stringent DC, RF and reliability tests.
1.2
Features
 18 dB Gain at 900 MHz
 21 dBm P1dB at 900 MHz
 38 dBm Output IP3 at 900 MHz
 0.37 dB NF at 900 MHz
 Current adjustable with R2 (in application circuit 3.1)
 MTTF > 100 Years
 Single Supply: +3 ~ +5 V
1.3
Applications
 Low Noise Amplifier for LTE, GSM, CDMA, GPS, PCS, and WCDMA
 Other Low Noise Application
1.4
Package Profile & RoHS Compliance
TDFN8, 2.0x2.0 mm2, surface mount
RoHS-compliant
ASL51T8 Data Sheet
High Gain, Low Noise Amplifier


Similar Part No. - ASL51T8

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASL51T8 ASB-ASL51T8 Datasheet
583Kb / 11P
High Gain, Low Noise Amplifier
January 2017
ASL51T8 ASB-ASL51T8_17 Datasheet
583Kb / 11P
High Gain, Low Noise Amplifier
January 2017
More results

Similar Description - ASL51T8

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASL52D6 ASB-ASL52D6 Datasheet
295Kb / 6P
High Gain, Low Noise Amplifier
May 2012
ASL563 ASB-ASL563 Datasheet
1Mb / 22P
High Gain, Low Noise Amplifier
August 2011
AST54S ASB-AST54S Datasheet
1Mb / 21P
High Gain, Low Noise Amplifier
June 2012
ASL22N ASB-ASL22N Datasheet
400Kb / 4P
High Gain, Low Noise Amplifier
February 2013
ASL5543 ASB-ASL5543 Datasheet
436Kb / 10P
High Gain, Low Noise Amplifier
June 2014
ASL19D ASB-ASL19D_17 Datasheet
510Kb / 7P
High Gain, Low Noise Amplifier
April 2017
ASL51S9 ASB-ASL51S9_17 Datasheet
428Kb / 8P
High Gain, Low Noise Amplifier
January 2017
ASL51T8 ASB-ASL51T8_17 Datasheet
583Kb / 11P
High Gain, Low Noise Amplifier
January 2017
ASL52D6 ASB-ASL52D6_17 Datasheet
641Kb / 8P
High Gain, Low Noise Amplifier
April 2017
ASL563 ASB-ASL563_17 Datasheet
762Kb / 11P
High Gain, Low Noise Amplifier
February 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com