Electronic Components Datasheet Search
  English  ▼

X  

ADR121 Datasheet(PDF) 18 Page - Analog Devices

Part # ADR121
Description  Precision, Micropower LDO Voltage References in TSOT
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR121 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADR121 Datasheet HTML 12Page - Analog Devices ADR121 Datasheet HTML 13Page - Analog Devices ADR121 Datasheet HTML 14Page - Analog Devices ADR121 Datasheet HTML 15Page - Analog Devices ADR121 Datasheet HTML 16Page - Analog Devices ADR121 Datasheet HTML 17Page - Analog Devices ADR121 Datasheet HTML 18Page - Analog Devices ADR121 Datasheet HTML 19Page - Analog Devices ADR121 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
ADR121/ADR125/ADR127
Rev. B | Page 18 of 20
OUTLINE DIMENSIONS
13
4
5
2
6
2.90 BSC
1.60 BSC
2.80 BSC
1.90
BSC
0.95 BSC
0.20
0.08
8°
4°
0°
0.50
0.30
0.10 MAX
*0.90
0.87
0.84
SEATING
PLANE
*1.00 MAX
0.60
0.45
0.30
PIN 1
INDICATOR
*COMPLIANT TO JEDEC STANDARDS MO-193-AA WITH
THE EXCEPTION OF PACKAGE HEIGHT AND THICKNESS.
Figure 53. 6-Lead Thin Small Outline Transistor Package [TSOT]
(UJ-6)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Output
Voltage
(VOUT)
Initial
Accuracy
Temperature
Coefficient
(ppm/°C)
Temperature
Range
Package
Description
Package
Option
Ordering
Quantity
Branding
mV
±%
ADR121AUJZ-REEL71
2.5
2.5
0.24
25
−40°C to +125°C
6-Lead TSOT
UJ-6
3,000
R0N
ADR121AUJZ-R21
2.5
2.5
0.24
25
−40°C to +125°C
6-Lead TSOT
UJ-6
250
R0N
ADR121BUJZ-REEL71
2.5
2.5
0.12
9
−40°C to +125°C
6-Lead TSOT
UJ-6
3,000
R0P
ADR125AUJZ-REEL71
5.0
5.0
0.24
25
−40°C to +125°C
6-Lead TSOT
UJ-6
3,000
R0Q
ADR125AUJZ-R21
5.0
5.0
0.24
25
−40°C to +125°C
6-Lead TSOT
UJ-6
250
R0Q
ADR125BUJZ-REEL71
5.0
5.0
0.12
9
−40°C to +125°C
6-Lead TSOT
UJ-6
3,000
R0R
ADR127AUJZ-REEL71
1.25
3
0.24
25
−40°C to +125°C
6-Lead TSOT
UJ-6
3,000
R0S
ADR127AUJZ-R21
1.25
3
0.24
25
−40°C to +125°C
6-Lead TSOT
UJ-6
250
R0S
ADR127BUJZ-REEL71
1.25
1.5
0.12
9
−40°C to +125°C
6-Lead TSOT
UJ-6
3,000
R0T
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com