Electronic Components Datasheet Search
  English  ▼

X  

ISL5829 Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL5829
Description  Dual 12-bit, 3.3V, 130/210MSPS, CommLink TM High Speed D/A Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL5829 Datasheet(HTML) 5 Page - Intersil Corporation

  ISL5829 Datasheet HTML 1Page - Intersil Corporation ISL5829 Datasheet HTML 2Page - Intersil Corporation ISL5829 Datasheet HTML 3Page - Intersil Corporation ISL5829 Datasheet HTML 4Page - Intersil Corporation ISL5829 Datasheet HTML 5Page - Intersil Corporation ISL5829 Datasheet HTML 6Page - Intersil Corporation ISL5829 Datasheet HTML 7Page - Intersil Corporation ISL5829 Datasheet HTML 8Page - Intersil Corporation ISL5829 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
Absolute Maximum Ratings
Thermal Information
Digital Supply Voltage DVDD to DGND . . . . . . . . . . . . . . . . . . +3.6V
Analog Supply Voltage AVDD to AGND . . . . . . . . . . . . . . . . . . +3.6V
Grounds, AGND TO DGND . . . . . . . . . . . . . . . . . . . . -0.3V to +0.3V
Digital Input Voltages (DATA, CLK, SLEEP). . . . . . . . . DVDD + 0.3V
Reference Input Voltage Range . . . . . . . . . . . . . . . . . . AVDD + 0.3V
Analog Output Current (IOUT) . . . . . . . . . . . . . . . . . . . . . . . . . 24mA
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . .-40°C to 85°C
Thermal Resistance (Typical, Note 1)
θJA(°C/W)
LQFP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
70
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . 150°C
Maximum Storage Temperature Range . . . . . . . . . . . -65°C to 150°C
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300°C
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1. θJA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
AVDD = DVDD = +3.3V, VREF = Internal 1.2V, IOUTFS = 20mA, TA = 25°C for All Typical Values
PARAMETER
TEST CONDITIONS
TA = -40°C TO 85°C
UNITS
MIN
TYP
MAX
SYSTEM PERFORMANCE
Resolution
12
-
-
Bits
Integral Linearity Error, INL
“Best Fit” Straight Line (Note 7)
-1.25
±0.5
+1.25
LSB
Differential Linearity Error, DNL
(Note 7)
-1
±0.5
+1
LSB
Offset Error, IOS
IOUTA (Note 7)
-0.006
+0.006
% FSR
Offset Drift Coefficient
(Note 7)
-
0.1
-
ppm
FSR/°C
Full Scale Gain Error, FSE
With External Reference (Notes 2, 7)
-3
±0.5
+3
% FSR
With Internal Reference (Notes 2, 7)
-3
±0.5
+3
% FSR
Full Scale Gain Drift
With External Reference (Note 7)
-
±50
-
ppm
FSR/°C
With Internal Reference (Note 7)
-
±100
-
ppm
FSR/°C
Crosstalk
fCLK = 100MSPS, fOUT = 10MHz
-
83
-
dB
fCLK = 100MSPS, fOUT = 40MHz
-
74
-
dB
Gain Matching Between Channels
(DC Measurement)
As a percentage of Full Scale Range
-1.6
0.6
+1.6
% FSR
In dB Full Scale Range
-0.14
0.05
+0.14
dB FSR
Full Scale Output Current, IFS
220
22
mA
Output Voltage Compliance Range
(Note 3)
-1.0
-
1.25
V
DYNAMIC CHARACTERISTICS
Maximum Clock Rate, fCLK
ISL5829/2IN
210
250
-
MHz
Maximum Clock Rate, fCLK
ISL5829IN
130
150
-
MHz
Output Rise Time
Full Scale Step
-
1
-
ns
Output Fall Time
Full Scale Step
-
1
-
ns
Output Capacitance
-5
-
pF
Output Noise
IOUTFS = 20mA
-
50
-
pA/√Hz
IOUTFS = 2mA
-
30
-
pA/√Hz
ISL5829



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com