Electronic Components Datasheet Search
  English  ▼

X  

AWB51D2 Datasheet(PDF) 2 Page - Advanced Semiconductor Business Inc.

Part # AWB51D2
Description  1.2 GHz CATV Push-pull Amplifier MMIC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

AWB51D2 Datasheet(HTML) 2 Page - Advanced Semiconductor Business Inc.

  AWB51D2 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. AWB51D2 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. AWB51D2 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. AWB51D2 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. AWB51D2 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. AWB51D2 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. AWB51D2 Datasheet HTML 7Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AWB51D2
2. Summary on Product Performances
2.1
Typical Performance
Supply voltage = +8 V, TA = +25 °C, ZO = 75 Ω.
Parameter
Typical
Unit
Frequency
50
500
1002
1200
MHz
Gain
13.6
13.8
14.9
15.3
dB
S11
-18
-14
-16
-13.5
dB
S22
-22
-15.5
-22
-14.5
dB
Noise Figure
3.3
3.2
3.2
3.3
dB
CSO
731), 602)
dBc
CTB
661), 602)
dBc
Current
350
mA
Device Voltage
+8
V
1) CSO & CTB measured at Pout = 103 dBµV flat for NTSC 79 channels + QAM 256 75 channels, -6 dB offset.
2) CSO & CTB measured at Pout = 110 dBµV flat for Cenelec-42 channels.
2.2
Product Specification
Supply voltage = +8 V, TA = +25 °C, ZO = 75 Ω.
Parameter
Min
Typ
Max
Unit
Frequency
500
MHz
Gain
14.9
dB
S11
-16
dB
S22
-22
dB
Noise Figure
3.2
dB
Current
350
mA
Device Voltage
+8
V
2/7
ASB Inc.
• sales@asb.co.kr
July 2014



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com