Electronic Components Datasheet Search
  English  ▼

X  

AWB389 Datasheet(PDF) 6 Page - Advanced Semiconductor Business Inc.

Part # AWB389
Description  5 ~ 4000 MHz MMIC Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

AWB389 Datasheet(HTML) 6 Page - Advanced Semiconductor Business Inc.

  AWB389 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. AWB389 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. AWB389 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. AWB389 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. AWB389 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. AWB389 Datasheet HTML 6Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
AWB389
5 ~ 4000 MHz MMIC Amplifier
0
250
500
750
1000
1250
1500
0
5
10
15
20
25
Frequency (MHz)
0
250
500
750
1000
1250
1500
-30
-25
-20
-15
-10
-5
0
Frequency (MHz)
0
250
500
750
1000
1250
1500
-35
-30
-25
-20
-15
-10
-5
0
Frequency (MHz)
1) OIP3 is measured with two tones at an output power of +9 dBm/tone separated
by 1 MHz.
L1=220 nH
Vs=6 V
RF IN
RF OUT
AWB389
C3=100 pF
C4=1
µF
C2=1
µF
C1=1
µF
Board Layout (FR4, 40x40 mm2, 0.8T)
Schematic
S-parameters & K-factor
APPLICATION CIRCUIT
Frequency (MHz)
100
1300
Magnitude S21 (dB)
19.5
18.0
Magnitude S11 (dB)
-12.0
-12.0
Magnitude S22 (dB)
-16.0
-10.0
Output P1dB (dBm)
24
24
Output IP31) (dBm)
41
41
Noise Figure (dB)
2.5
2.7
Device Voltage (V)
+6
+6
Current (mA)
155
155
Wide Band
100 ~ 1300 MHz
+6 V
0
500
1000
1500
2000
2500
3000
3500
0
1
2
3
4
5
Frequency (MHz)
6/6
ASB Inc.
• sales@asb.co.kr • Tel: +82-42-528-7225
December 2013



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com