Electronic Components Datasheet Search
  English  ▼

X  

AWB459 Datasheet(PDF) 1 Page - Advanced Semiconductor Business Inc.

Part # AWB459
Description  Wide band MMIC Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

AWB459 Datasheet(HTML) 1 Page - Advanced Semiconductor Business Inc.

  AWB459 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. AWB459 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. AWB459 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. AWB459 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. AWB459 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. AWB459 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. AWB459 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. AWB459 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. AWB459 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
AWB459
Wide band MMIC Amplifier
(Supply Voltage = +5 V, TA = +25 °C, Z0 = 50 Ω)
Parameters
Units
Typical
Frequency
MHz
30
512
800
1200
1600
Gain
dB
24.0
23.5
20.0
20.0
20.5
S11
dB
-15
-16
-12
-14
-13
S22
dB
-15
-16
-18
-12
-10
Output IP31)
dBm
40
40
39
38
38
Noise Figure
dB
0.8
1.1
1.2
1.25
1.4
Output P1dB
dBm
23.0
23.5
23.5
23.5
24.0
Current
mA
130
130
130
130
130
Device Voltage
V
+5
+5
+5
+5
+5
1) OIP3 is measured with two tones at an output power of +10 dBm/tone separated by 1 MHz.
Parameters
Units
Min
Typ.
Max
Testing Frequency
MHz
1200
Gain
dB
20.0
S11
dB
-14
S22
dB
-12
Output IP3
dBm
38
Noise Figure
dB
1.25
Output P1dB
dBm
23.5
Current
mA
110
130
Device Voltage
V
+5
Parameters
Rating
Operating Case Temperature
-40 to
+85 °C
Storage Temperature
-40 to
+150 °C
Device Voltage
+10 V
Operating Junction Temperature
+150
°C
Input RF Power (Continuous)
+22 dBm
* Please find the max. input power data from http://www.asb.co.kr/pdf/Maximum_Input_Power_Analysis.pdf
Features
Typical Performance
Absolute Maximum Ratings
 20 dB Gain at 1200 MHz
 23.5 dBm P1dB at 1200 MHz
 38 dBm Output IP3 at 1200 MHz
 1.25 dB NF
 +5 V Single Supply
Product Specifications
AWB459
Package Style: SOT89
Pin Configuration
Pin No.
Function
1
RF IN
2
GND
3
RF OUT & Bias
Applications
 IF 1.5 ~ 500 MHz (6.5 V)
 IF 30 ~ 512 MHz (5 V & 8 V)
 DVB 470 ~ 800 MHz (5 V & 8 V)
 IF 1.5 ~ 1000 MHz (8 V)
 MoCA
(800 ~ 1600 MHz, 5 V & 8 V)
 Wide Band
(1000 ~ 2000 MHz, 5 V & 8 V)
1/12
ASB Inc.
• sales@asb.co.kr • Tel: +82-42-528-7225
January 2015


Similar Part No. - AWB459

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
AWB459 ASB-AWB459 Datasheet
1Mb / 23P
Wide band MMIC Amplifie
July 2017
AWB459 ASB-AWB459_17 Datasheet
1Mb / 23P
Wide band MMIC Amplifie
July 2017
More results

Similar Description - AWB459

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAM02350 MA-COM-MAAM02350 Datasheet
95Kb / 4P
Wide Band GaAs MMIC Amplifier
MAAM02350-A2 MA-COM-MAAM02350-A2 Datasheet
110Kb / 3P
Wide Band GaAs MMIC Amplifier
MAAM28000 MA-COM-MAAM28000 Datasheet
221Kb / 4P
Wide Band GaAs MMIC Amplifier
MAAM28000-A1 MA-COM-MAAM28000-A1 Datasheet
127Kb / 3P
Wide Band GaAs MMIC Amplifier
MAAM28000 MA-COM-MAAM28000_15 Datasheet
221Kb / 4P
Wide Band GaAs MMIC Amplifier
MAAM28000-A1 MA-COM-MAAM28000-A1_15 Datasheet
127Kb / 3P
Wide Band GaAs MMIC Amplifier
MAAM02350-A2 MA-COM-MAAM02350-A2_15 Datasheet
732Kb / 4P
Wide Band GaAs MMIC Amplifier
MAAM02350 MA-COM-MAAM02350_15 Datasheet
624Kb / 5P
Wide Band GaAs MMIC Amplifier
MAAM28000 MA-COM-MAAM28000_16 Datasheet
940Kb / 5P
Wide Band GaAs MMIC Amplifier
logo
Advanced Semiconductor ...
ABX0618M ASB-ABX0618M Datasheet
861Kb / 18P
Wide Band Power Amplifier MMIC
July 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com