Electronic Components Datasheet Search
  English  ▼

X  

AWB312 Datasheet(PDF) 17 Page - Advanced Semiconductor Business Inc.

Part # AWB312
Description  5 ~ 1200 MHz Wide-band CATV Linear Amplifier MMIC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

AWB312 Datasheet(HTML) 17 Page - Advanced Semiconductor Business Inc.

Back Button AWB312 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. AWB312 Datasheet HTML 10Page - Advanced Semiconductor Business Inc. AWB312 Datasheet HTML 11Page - Advanced Semiconductor Business Inc. AWB312 Datasheet HTML 12Page - Advanced Semiconductor Business Inc. AWB312 Datasheet HTML 13Page - Advanced Semiconductor Business Inc. AWB312 Datasheet HTML 14Page - Advanced Semiconductor Business Inc. AWB312 Datasheet HTML 15Page - Advanced Semiconductor Business Inc. AWB312 Datasheet HTML 16Page - Advanced Semiconductor Business Inc. AWB312 Datasheet HTML 17Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 17 / 17 page
background image
17/17
ASB Inc.
 sales@asb.co.kr
April 2014
AWB519
9. Recommended Soldering Reflow Profile
10.
Family Products Information
ASB’s AWB-series single-ended CATV amplifiers are available in different gain levels such as 12 dB, 17 dB,
and 20 dB in which they are categorized by two groups according to the device voltage, 5 V and 8 V, so that
a user can select the amplifier for different gain stages to design their system with ease. In addition, AWB3xx
group for 5 V and AWB5xx group for 8 V are provided by almost the same external matching circuit and in a
SOT89 package.
Part Number
Description
Package Type
AWB312
5 ~ 6 V, 12 dB gain CATV amplifier
SOT89
AWB317
5 V, 17 dB gain CATV amplifier
SOT89
AWB319
5 V, 20 dB gain CATV amplifier
SOT89
AWB512
8 V, 12 dB gain CATV amplifier
SOT89
AWB517
8 V, 17 dB gain CATV amplifier
SOT89
AWB519
8 V, 20 dB gain CATV amplifier
SOT89
(End of Datasheet)
20~40 sec
260
C
200
C
150
C
60~180 sec
Ramp-up
(3
C/sec)
Ramp-down
(6
C/sec)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com