Electronic Components Datasheet Search
  English  ▼

X  

AWB578 Datasheet(PDF) 12 Page - Advanced Semiconductor Business Inc.

Part # AWB578
Description  30 ~ 1200 MHz Wide-band Medium Power Amplifier MMIC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

AWB578 Datasheet(HTML) 12 Page - Advanced Semiconductor Business Inc.

Back Button AWB578 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. AWB578 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. AWB578 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. AWB578 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. AWB578 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. AWB578 Datasheet HTML 10Page - Advanced Semiconductor Business Inc. AWB578 Datasheet HTML 11Page - Advanced Semiconductor Business Inc. AWB578 Datasheet HTML 12Page - Advanced Semiconductor Business Inc. AWB578 Datasheet HTML 13Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
AWB578
6. Package Outline (SOIC8)
\
7. Surface Mount Recommendation (In mm)
Symbols
Dimensions (In mm)
MIN
NOM
MAX
A
1.40
1.50
1.60
A1
0.00
---
0.10
A2
---
1.45
---
B
0.33
---
0.51
C
0.19
---
0.25
D
4.80
---
5.00
D2
3.20
3.30
3.40
E
5.80
6.00
6.20
E1
3.80
3.90
4.00
E2
2.30
2.40
2.50
e
---
1.27
---
L
0.40
---
1.27
y
---
---
0.10
θ
0°
---
8°
|
L1-L1′|
---
---
0.12
L1
1.04REF
NOTE
1. Add as much copper as possible to inner and outer
layers near the part to ensure optimal thermal
performance.
2. To ensure reliable operation, device ground
paddle-to-ground pad soldering is critical.
3. Add mounting screws near the part to fasten the
board to a heat sinker. Ensure that the ground &
thermal via region contacts the heat sinker.
4. A proper heat dissipation path underneath the area
of the PCB for the mounted device is strictly
required for proper thermal operation. Damage to
the device can result from inappropriate heat
dissipation.
Part No.
12/13
ASB Inc.
• sales@asb.co.kr
December 2014



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com