Electronic Components Datasheet Search
  English  ▼

X  

AWG2020 Datasheet(PDF) 12 Page - Advanced Semiconductor Business Inc.

Part # AWG2020
Description  50 ~ 4000 MHz Wide-band Gain Block Amplifier MMIC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

AWG2020 Datasheet(HTML) 12 Page - Advanced Semiconductor Business Inc.

Back Button AWG2020 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. AWG2020 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. AWG2020 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. AWG2020 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. AWG2020 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. AWG2020 Datasheet HTML 10Page - Advanced Semiconductor Business Inc. AWG2020 Datasheet HTML 11Page - Advanced Semiconductor Business Inc. AWG2020 Datasheet HTML 12Page - Advanced Semiconductor Business Inc. AWG2020 Datasheet HTML 13Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
12/13
ASB Inc.
 sales@asb.co.kr
July 2014
AWG2020
6. Package Outline (SOT89, 4.5x4.0x1.5 mm)
7. Surface Mount Recommendation (In mm)
Symbols
Dimensions (In mm)
MIN
NOM
MAX
A
1.40
1.50
1.60
L
0.89
1.04
1.20
b
0.36
0.42
0.48
b1
0.41
0.47
0.53
C
0.38
0.40
0.43
D
4.40
4.50
4.60
D1
1.40
1.60
1.75
E
3.64
---
4.25
E1
2.40
2.50
2.60
e1
2.90
3.00
3.10
H
0.35
0.40
0.45
S
0.65
0.75
0.85
e
1.40
1.50
1.60
WG2020
Pxxxx
Lot No.
Part No.
NOTE
1. The number and size of ground via holes in a
circuit board are critical for thermal and RF
grounding considerations.
2. We recommend that the ground via holes be
placed on the bottom of the lead pin 2 and
exposed pad of the device for better RF and
thermal performance, as shown in the drawing at
the left side.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com