Electronic Components Datasheet Search
  English  ▼

X  

AWG2023 Datasheet(PDF) 13 Page - Advanced Semiconductor Business Inc.

Part # AWG2023
Description  50 ~ 4000 MHz Wide-band Gain Block Amplifier MMIC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

AWG2023 Datasheet(HTML) 13 Page - Advanced Semiconductor Business Inc.

Back Button AWG2023 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. AWG2023 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. AWG2023 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. AWG2023 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. AWG2023 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. AWG2023 Datasheet HTML 10Page - Advanced Semiconductor Business Inc. AWG2023 Datasheet HTML 11Page - Advanced Semiconductor Business Inc. AWG2023 Datasheet HTML 12Page - Advanced Semiconductor Business Inc. AWG2023 Datasheet HTML 13Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
13/13
ASB Inc.
 sales@asb.co.kr
April 2014
AWG2023
8. Recommended Soldering Reflow Profile
(End of Datasheet)
20~40 sec
260
C
200
C
150
C
60~180 sec
Ramp-up
(3
C/sec)
Ramp-down
(6
C/sec)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com