Electronic Components Datasheet Search
  English  ▼

X  

ISL6121LIB Datasheet(PDF) 13 Page - Intersil Corporation

Part # ISL6121LIB
Description  Single Supply Integrated Current Limiting Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6121LIB Datasheet(HTML) 13 Page - Intersil Corporation

Back Button ISL6121LIB Datasheet HTML 8Page - Intersil Corporation ISL6121LIB Datasheet HTML 9Page - Intersil Corporation ISL6121LIB Datasheet HTML 10Page - Intersil Corporation ISL6121LIB Datasheet HTML 11Page - Intersil Corporation ISL6121LIB Datasheet HTML 12Page - Intersil Corporation ISL6121LIB Datasheet HTML 13Page - Intersil Corporation ISL6121LIB Datasheet HTML 14Page - Intersil Corporation ISL6121LIB Datasheet HTML 15Page - Intersil Corporation ISL6121LIB Datasheet HTML 16Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
FN9005.4
June 10, 2005
Application Implementations
Multiple Sequencer Implementations
In order to control the sequencing of more than 4 voltages,
several of the ISL6123, ISL6124, ISL6125 or ISL6127
devices can be variously configured together to accomplish
this. There may be concerns of a particular implementation
that would make a particular configuration preferable over
another. The fundamental questions to answer to determine
which configuration is best suited for your applications are;
1. What level of voltage assurance is needed prior to
sequencing on and can the voltage supplies be grouped
into high and low criticality?
2. Is there a critical maximum time window all supplies must
be present at load or is there a first and a second group
preference possibly with some work done in between the
two groups of voltages being present?
Three configurations are described and illustrated here.
In applications where the integrity of critical voltages must be
assured prior to sequencing, additional monitoring of the
critical supplies is needed. If the compliance of the voltage is
critical for either under voltage and or over voltage the
ISL613X family of supervisors can be employed to provide
this additional assurance across multiple sequencers, see
document FN9115 for supervisor data sheet. Figure 17 is a
block diagram of this voltage compliant, high assurance, low
risk configuration showing the ISL613X supervisor and a mix
of FET switched outputs and logic output sequencers
(ISL6124 and ISL6125 ICs).
If the mere presence of some voltage potential is adequate
prior to sequencing on then a small number of standard logic
AND gates can be used to accomplish this. The block
diagram in Figure 18 illustrates this voltage presence
configuration.
In either case the sequencing is straight forward across
multiple sequencers as all DLY_ON capacitors will
simultaneously start charging ~10ms after the common
ENABLE input signal is delivered. This allows the choice of
capacitors to be related to each other no different than using
a single sequencer. When the common enabling signal is
deasserted these configurations will then execute the turn-
off sequence across all sequencers as programmed by the
DLY_OFF capacitor values.
In both cases with all the SYSRST# pins bussed together
once the on sequence is complete simultaneous shutdown
upon any UVLO input failure is assured as SYSRST# output
will momentarily pull low turning off all GATE and LOGIC
outputs.
There may be applications that require or allow groups of
supplies being brought up in sequence and supplies within
each group to be sequenced. Figure 19 illustrates such a
configuration that allows the first group of supplies to turn-on
before the second group starts. This arrangement does not
necessarily preclude adding the assurance of all supplies
prior to turn-on sequencing as previously shown but it will
FIGURE 17. ISL612X & ISL613X VOLTAGE COMPLIANT
SEQUENCING BLOCK DIAGRAM
ISL6125
ENABLE#
# N+1
ISL6124
ENABLE#
# N
ISL613Xs
MONITORING
ON ALL RAILS
UVLO
UVLO
VMON
PGOOD
G
A
T
E
L
POWER
SUPPLY
SYSRST#
SYSRST#
en
RESET#
RESET#
RESET#
O
G
I
C
OE
LOW = RESET
FIGURE 18. MULTIPLE ISL612X USING LOGIC GATES FOR
VOLTAGE PRESENCE DETECT
ISL6125
ENABLE#
# N+1
ISL6124
ENABLE#
# N
UVLO
UVLO
G
A
T
E
L
POWER
SUPPLY
SYSRST#
SYSRST#
en
RESET#’
RESET#
RESET#
O
G
I
C
UVLO
OE
LOW = RESET
ISL6123, ISL6124, ISL6125, ISL6126, ISL6127, ISL6128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com