Electronic Components Datasheet Search
  English  ▼

X  

AWG3020 Datasheet(PDF) 2 Page - Advanced Semiconductor Business Inc.

Part # AWG3020
Description  50 ~ 4000 MHz Wide-band Gain Block Amplifier MMIC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

AWG3020 Datasheet(HTML) 2 Page - Advanced Semiconductor Business Inc.

  AWG3020 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. AWG3020 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. AWG3020 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. AWG3020 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. AWG3020 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. AWG3020 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. AWG3020 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. AWG3020 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. AWG3020 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2/15
ASB Inc.
 sales@asb.co.kr
April 2014
AWG3020
2. Summary on Product Performances
2.1
Typical Performance
Supply voltage = +5 V, TA = +25
C, ZO = 50 
Parameter
Typical
Unit
Frequency
70
150
450
900
2000
2500
3000
3500
MHz
Gain
21.2
21.1
20.9
20.6
19.7
19.3
19.0
19.0
dB
S11
-18.0
-20.0
-20.0
-18.0
-20.0
-20.0
-17.0
-13.0
dB
S22
-14.0
-14.0
-15.0
-13.0
-15.0
-15.0
-17.0
-17.0
dB
Noise Figure
1.7
1.7
1.7
1.6
2.1
2.4
2.8
3.2
dB
Output IP31)
38.0
38.0
39.0
39.0
39.0
39.0
32.0
27.0
dBm
Output P1dB
20.0
20.0
20.0
20.0
20.0
19.5
18.0
16.0
dBm
Current
104
mA
Device Voltage
+3.9
V
1) OIP3 is measured with two tones at an output power of +5 dBm/tone separated by 1MHz.
2.2
Product Specification
Supply voltage = +5 V, TA = +25
C, ZO = 50 
Parameter
Min
Typ
Max
Unit
Frequency
2000
MHz
Gain
19.7
dB
S11
-20.0
dB
S22
-15.0
dB
Noise Figure
2.1
dB
OIP3
39.0
dBm
P1dB
20.0
dBm
Current
104
mA
Device Voltage
+3.9
V
2.3
Pin Configuration
Pin
Description
Simplified Outline
1
RF_IN
2
Ground
3
RF_OUT & Bias



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com