Electronic Components Datasheet Search
  English  ▼

X  

AK-102031-R Datasheet(PDF) 1 Page - Assmann Electronics Inc.

Part # AK-102031-R
Description  Audio Y-cable
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

AK-102031-R Datasheet(HTML) 1 Page - Assmann Electronics Inc.

  AK-102031-R Datasheet HTML 1Page - Assmann Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RoHS
Compliant
1840 W. Drake Drive, Suite 101 • Tempe, AZ 85283
Toll Free: 1-877-277-6266 • Email: info@assmann.us
Title
Modification
Id.
Date
Name
Date
Name
Drawing-No.
Replace
Sheet
ASSMANN WSW-No.
1/1
AK-102031-R
rev00
Wilson
16.09.13
Audio Y-cable
3.5mm, Male to 2x Female, 2M
Free
Scale
X.
X.X
X.XX
DIM
X.°
X.X°
Angle
TOL
±0.3
±X
±X
±X°
±X°
Groll
27.02.13
Material:
• NOUL [28AWG(7/0.12 TC)*(Red, White)+S(43/0.12 TC)]*2F
- Jacket: Black
- OD: 2.8*5.6mm
• Connector (P1) 3.5ST Male
- Tray 6.0mm
- L=26mm
- Mold type Ni-plated
- Insulator color: Black
• Connector (P2 & P3) 3.5ST Female
- OD:8.0*ID3.5mm
- L=23mm
- Mold type Ni-plated
- Insulator color: Black
• Outer Jacket: Outer model PVC 45P, color Black
• Inner Jacket: Clear LDPE
• Tube: Heat Shrink tube, Black OD:1.5*L15mm
Electrical:
• 100% Test, (short, open, miswire)
• Conductor resistance: 2
Max.
• Insulation Resistance: 10
Min.
• Hi-Pot: 300V DC/10ms


Similar Part No. - AK-102031-R

ManufacturerPart #DatasheetDescription
logo
COTEK ELECTRONIC IND. C...
AK-1000 COTEK-AK-1000 Datasheet
2Mb / 6P
1000W Programmable Single Output
22/02/16
AK-1000-24 COTEK-AK-1000-24 Datasheet
2Mb / 6P
1000W Programmable Single Output
22/02/16
AK-1000-27 COTEK-AK-1000-27 Datasheet
2Mb / 6P
1000W Programmable Single Output
22/02/16
AK-1000-48 COTEK-AK-1000-48 Datasheet
2Mb / 6P
1000W Programmable Single Output
22/02/16
logo
Electronic Hardware Cor...
AK-1047 EHC-AK-1047 Datasheet
63Kb / 1P
Shaft Locks
More results

Similar Description - AK-102031-R

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
V1-G-BK1M-PUR-A-T24B-V1-G PF-V1-G-BK1M-PUR-A-T24B-V1-G Datasheet
1,014Kb / 3P
Y connection cable
2021-11-02
V1-G-BK2M-PUR-A-T-V1-G PF-V1-G-BK2M-PUR-A-T-V1-G Datasheet
1,013Kb / 3P
Y connection cable
2021-11-02
V1-G-BK5M-PUR-A-T-V1-G PF-V1-G-BK5M-PUR-A-T-V1-G Datasheet
1,013Kb / 3P
Y connection cable
2021-11-02
V1-G-T-BK2M-PUR-A-V1-G PF-V1-G-T-BK2M-PUR-A-V1-G Datasheet
760Kb / 3P
Y connection cable
2022-02-24
V1-G-T-BK3M-PUR-A-V1-G PF-V1-G-T-BK3M-PUR-A-V1-G Datasheet
760Kb / 3P
Y connection cable
2022-02-24
V1-G-T-BK5M-PUR-A-V1-G PF-V1-G-T-BK5M-PUR-A-V1-G Datasheet
760Kb / 3P
Y connection cable
2022-02-24
V1-GY-2M-PUR-TAP PF-V1-GY-2M-PUR-TAP Datasheet
818Kb / 3P
Y connection cable
2022-11-30
V1-W-BK1M-PUR-U-T24B-V1-G PF-V1-W-BK1M-PUR-U-T24B-V1-G Datasheet
1Mb / 4P
Y connection cable
2021-11-03
V1-W-E2-BK1M-PUR-A-T-V1-G PF-V1-W-E2-BK1M-PUR-A-T-V1-G Datasheet
926Kb / 4P
Y connection cable
2021-11-02
V3-GM-BK2M-PUR-U-T-V1-G PF-V3-GM-BK2M-PUR-U-T-V1-G Datasheet
997Kb / 4P
Y connection cable
2021-11-03
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com