Electronic Components Datasheet Search
  English  ▼

X  

2SB1132 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # 2SB1132
Description  -1A, -40V PNP Silicon Medium Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2SB1132 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  2SB1132 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2SB1132 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
2SB1132
-1A, -40V
PNP Silicon Medium Power Transistor
02-
Nov-2012 Rev. C
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.

Base

Emitter
Collector

RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Low power dissipation 0.5W
CLASSIFICATION OF hFE
Product Rank
2SB1132-P
2SB1132-Q
2SB1132-R
Range
82~180
120~270
180~390
Marking
BAP
BAQ
BAR
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOT-89
1K
7’ inch
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Collector-Base Voltage
VCBO
-40
V
Collector-Emitter Voltage
VCEO
-32
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current (DC)
IC
-1
A
Collector Power Dissipation
PC
500
mW
Junction & Storage Temperature
TJ, TSTG
150, -55~150
°C
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Collector-base breakdown voltage
V(BR)CBO
-40
-
-
V
IC= -50μA, IE=0
Collector-emitter breakdown voltage
V(BR)CEO
-32
-
-
V
IC= -1mA, IB=0
Emitter-base breakdown voltage
V(BR)EBO
-5
-
-
V
IE= -50μA, IC=0
Collector cut-off current
ICBO
-
-
-0.5
μA
VCB= -20V, IE=0
Emitter cut-off current
IEBO
-
-
-0.5
μA
VEB= -4V, IC=0
DC current gain
hFE
82
-
390
VCE= -3V, IC= -100mA
Collector-emitter saturation voltage
VCE(sat)
-
-0.2
-0.5
V
IC= -500mA, IB= -50mA
Transition frequency
fT
-
150
-
MHz
VCE= -5V, IC= -50mA,
f=30MHz
Collector output capacitance
Cob
-
20
30
pF
VCB= -10V, IE=0, f=1MHz
A
E
C
D
B
K
H
F
G
L
J
1 2 3
4
SOT-89
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
4.40
4.60
G
0.40
0.58
B
3.94
4.25
H
1.50 TYP
C
1.40
1.60
J
3.00 TYP
D
2.30
2.60
K
0.32
0.52
E
1.50
1.70
L
0.35
0.44
F
0.89
1.2


Similar Part No. - 2SB1132

ManufacturerPart #DatasheetDescription
logo
Rohm
2SB1132 ROHM-2SB1132 Datasheet
128Kb / 4P
Medium Power Transistor
logo
Weitron Technology
2SB1132 WEITRON-2SB1132 Datasheet
348Kb / 5P
PNP Plastic-Encapsulate Transistors
logo
Unisonic Technologies
2SB1132 UTC-2SB1132 Datasheet
59Kb / 4P
MEDIUM POWER TRANSISTOR
logo
Rohm
2SB1132 ROHM-2SB1132 Datasheet
79Kb / 5P
Medium Power Transistor (−32V,−1A)
logo
TRANSYS Electronics Lim...
2SB1132 TEL-2SB1132 Datasheet
64Kb / 1P
Plastic-Encapsulated Transistors
More results

Similar Description - 2SB1132

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTP25040DFH ZETEX-ZXTP25040DFH Datasheet
245Kb / 6P
40V SOT23 PNP medium power transistor
ZXTP07040DFF ZETEX-ZXTP07040DFF Datasheet
443Kb / 6P
40V, SOT23F, PNP medium power transistor
ZXTP25040DZ ZETEX-ZXTP25040DZ Datasheet
385Kb / 8P
40V PNP medium power transistor
logo
Diodes Incorporated
FCX591A DIODES-FCX591A Datasheet
199Kb / 7P
40V PNP SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT89
S33062 Rev. 4 - 2
ZXTP2041F DIODES-ZXTP2041F Datasheet
221Kb / 6P
40V PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
Rev 6
ZXTP07040DFF DIODES-ZXTP07040DFF Datasheet
455Kb / 6P
40V, SOT23F, PNP medium power transistor
SEPTEMBER 2006
ZXTP25040DFH DIODES-ZXTP25040DFH Datasheet
251Kb / 6P
40V SOT23 PNP medium power transistor
MARCH 2008
ZXTP25040DFH DIODES-ZXTP25040DFH_15 Datasheet
251Kb / 6P
40V SOT23 PNP medium power transistor
MARCH 2008
FZT1151A DIODES-FZT1151A_16 Datasheet
812Kb / 7P
40V PNP MEDIUM POWER TRANSISTOR
Rev 2
FCX591AQ DIODES-FCX591AQ Datasheet
409Kb / 7P
40V PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
Rev 2
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com