Electronic Components Datasheet Search
  English  ▼

X  

SCD545H Datasheet(PDF) 1 Page - Zowie Technology Corporation

Part # SCD545H
Description  Schottky Barrier Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

SCD545H Datasheet(HTML) 1 Page - Zowie Technology Corporation

  SCD545H Datasheet HTML 1Page - Zowie Technology Corporation SCD545H Datasheet HTML 2Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ZOWIE
(45V / 5.0A)
SCD545H
Absolute Maximum Ratings (Ta = 25
o
C)
VRRM
V
IF(AV)
A
IFSM
A
Tj
TSTG
8.3ms single half sine-wave
ITEM
Average forward current
Symbol
Conditions
Unit
Peak forward surge current
Operating junction temperature Range
Rating
45
100
125
-55 to +150
5
Repetitive peak reverse voltage
Storage temperature Range
Schottky Barrier Diode
* Halogen-free type
* Compliance to RoHS product
* Lead less chip form, no lead damage
* Low power loss, High efficiency
* High current capability, low VF
* Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
FEATURES
* Switching mode power supply applications
* Portable equipment battery applications
* High frequency rectification
* DC / DC Converter
* Telecommunication
APPLICATION
* 3,000 pieces per 7" (178mm ± 2mm) reel
* 4 reels per box
* 6 boxes per carton
PACKING
Case : Packed with FRP substrate and epoxy underfilled
Terminals : Pure Tin plated (Lead-Free),
solderable per MIL-STD-750, Method 2026.
Polarity : Laser Cathode band marking
Weight : 0.02 gram
MECHANICAL DATA
oC
oC
Electrical characteristics (Ta = 25
o
C)
VF
IF = 3.0A
IF = 5.0A
ITEM
Symbol
Conditions
Min.
Typ.
V
-
-
0.42
0.48
-
0.54
Max.
Unit
Forward voltage (NOTE 1)
oC/W
-
109
-
Rth(JA)
Junction to ambient (NOTE 2)
Thermal resistance
oC/W
-
29
-
Rth(JL)
Junction to case (NOTE 2)
pF
-
210
-
Cj
VR = 4V, f = 1.0 MHz
Junction capacitance
mA
-
0.05
0.20
IRRM
Repetitive peak reverse current
VR = Max. VRRM , Ta = 25
oC
TC = 83
oC
2012/10
REV. 0
NOTES : (1) Pulse test width PW=300usec , 1% duty cycle.
(2) Mounted on P.C. board with 0.2 x 0.2"(5.0 x5.0mm) copper pad areas.
Unit : mm
OUTLINE DIMENSIONS
MARKING
Cathode mark
Amps class
Series code
Voltage class
SCD
545
.
Equivalent
: SMA
DO-214AC
Case : 2010
Halogen-free type
0.50
0.95 ± 0.2
0.95 ± 0.2
4.5 ± 0.1


Similar Part No. - SCD545H

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
SCD545UH ZOWIE-SCD545UH Datasheet
52Kb / 2P
Schottky Barrier Diode
More results

Similar Description - SCD545H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1PS74SB43 PHILIPS-1PS74SB43 Datasheet
49Kb / 8P
Schottky barrier diode
1999 Dec 10
1PS79SB62 PHILIPS-1PS79SB62 Datasheet
56Kb / 8P
Schottky barrier diode
2001 Jan 18
logo
Vishay Siliconix
BAS85 VISHAY-BAS85 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
BAS86 VISHAY-BAS86 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
logo
Diodes Incorporated
BAT46 DIODES-BAT46 Datasheet
49Kb / 1P
SCHOTTKY BARRIER DIODE
DS11002 Rev. E-2
SD103A DIODES-SD103A Datasheet
66Kb / 3P
SCHOTTKY BARRIER DIODE
DS11009 Rev. 11 - 2
logo
ON Semiconductor
NSR0230P2T5G ONSEMI-NSR0230P2T5G Datasheet
42Kb / 3P
Schottky Barrier Diode
October, 2006 ??Rev. 0
logo
Unisonic Technologies
RB520S30 UTC-RB520S30 Datasheet
38Kb / 3P
SCHOTTKY BARRIER DIODE
logo
Champion Microelectroni...
CMS-S060-060 CHAMP-CMS-S060-060 Datasheet
21Kb / 1P
SCHOTTKY BARRIER DIODE
logo
Shindengen Electric Mfg...
DF20NC15 SHINDENGEN-DF20NC15 Datasheet
641Kb / 2P
Schottky Barrier Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com