Electronic Components Datasheet Search
  English  ▼

X  

ISL6436LIB Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL6436LIB
Description  USB Dual Port Power Supply Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6436LIB Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL6436LIB Datasheet HTML 3Page - Intersil Corporation ISL6436LIB Datasheet HTML 4Page - Intersil Corporation ISL6436LIB Datasheet HTML 5Page - Intersil Corporation ISL6436LIB Datasheet HTML 6Page - Intersil Corporation ISL6436LIB Datasheet HTML 7Page - Intersil Corporation ISL6436LIB Datasheet HTML 8Page - Intersil Corporation ISL6436LIB Datasheet HTML 9Page - Intersil Corporation ISL6436LIB Datasheet HTML 10Page - Intersil Corporation ISL6436LIB Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
FIGURE 8. SLOW TURN -OFF vs CLOAD,Rl = 10Ω
FIGURE 9. FAST TURN-OFF vs CLOAD
FIGURE 10. ISL6436L TURN-ON INTO 1.5A OCS
FIGURE 11. ISL6436L TURN-ON INTO 1.5A MOMENTARY OC
FIGURE 12. VENDOR IC TURN-ON INTO MOMENTARY OC
FIGURE 13. ISL6436 vs PPTC INTO 500mA LOAD
Typical Performance Curves (Continued)
VOUT VOLTAGE (1V/DIV.)
TIME (400
µs/DIV.)
VOUT
ENABLE
CL =10µF
CL = 100µF
VOUT
CL =0.1µF
VOUT VOLTAGE (1V/ DIV.)
TIME (400
µs/DIV.)
VOUT
CL =100µF
CL =0.1µF
CL =10µF
VOUT (1V/ DIV.)
TIME (2ms /DIV.)
FAULT
ENABLE
VOUT
VOLTAGE (2V/DIV.)
TIME (2ms /DIV.)
VOUT
ENABLE
FAULT
VOUT
FAULT
ENABLE
TIME (2ms /DIV.)
VOUT (100mV/ DIV.)
VDD = 5.08V
ISL6436 = 5.04 VOUT
PPTC = 4.98 VOUT
ISL6436



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com