Electronic Components Datasheet Search
  English  ▼

X  

ADR1500 Datasheet(PDF) 7 Page - Analog Devices

Part # ADR1500
Description  1.2875 V Micropower, Shunt Voltage Reference
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR1500 Datasheet(HTML) 7 Page - Analog Devices

  ADR1500 Datasheet HTML 1Page - Analog Devices ADR1500 Datasheet HTML 2Page - Analog Devices ADR1500 Datasheet HTML 3Page - Analog Devices ADR1500 Datasheet HTML 4Page - Analog Devices ADR1500 Datasheet HTML 5Page - Analog Devices ADR1500 Datasheet HTML 6Page - Analog Devices ADR1500 Datasheet HTML 7Page - Analog Devices ADR1500 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
ADR1500
Rev. 0 | Page 7 of 8
OUTPUT ERROR
1mV/DIV 2µs/DIV
OUTPUT
0.5mV/DIV 2ms/DIV
2.4V
0V
VIN
Figure 10. Turn-On Settling Time
Attempts to drive a large capacitive load (in excess of 1000 pF)
can result in ringing. This is due to the additional poles formed
by the load capacitance and the output impedance of the reference.
A recommended method for driving capacitive loads of this
magnitude is shown in Figure 11.
+
–
VR
VOUT
CL
RS = 11.5kΩ
VIN
RL
Figure 11. Turn-On, Settling, and Transient Test Circuit
TRANSIENT RESPONSE
Many ADCs and DACs present transient current loads to the
reference. Poor reference response can degrade the converter’s
performance. Figure 12 displays both the coarse and fine
settling characteristics of the device to load transient of ±50 μA.
It shows the settling characteristics of the device for an
increased reverse current of 50 μA and the response when the
reverse current is decreased by 50 μA. The transients settle to
1 mV in about 3 μs.
IR = 100µA + 50µA STEP
IR = 100µA – 50µA STEP
1µs/DIV
20mV/DIV
1mV/DIV
20mV/DIV
1mV/DIV
Figure 12. Transient Settling Time
A resistor isolates the capacitive load from the output stage,
while the capacitor provides a single-pole, low-pass filter and
lowers the output noise.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com