Electronic Components Datasheet Search
  English  ▼

X  

ALN2332 Datasheet(PDF) 3 Page - Advanced Semiconductor Business Inc.

Part # ALN2332
Description  Internally Matched LNA Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ALN2332 Datasheet(HTML) 3 Page - Advanced Semiconductor Business Inc.

  ALN2332 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ALN2332 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ALN2332 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ALN2332 Datasheet HTML 4Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3/4
www.asb.co.kr
November 2008
plerowTM ALN2332
Internally Matched LNA Module
Item
Voltage
S11
(dB)
S22
(dB)
S21
(dB)
G/F
(dB)
NF
(dB)
P1dB
(dBm)
OIP3
(dBm)
Current
(mA)
4.5
-23.59
-11.07
24.49
0.30
0.747
20.27
34.73
71
4.6
-24.44
-11.03
24.54
0.29
0.763
20.53
35.39
78
4.7
-25.02
-11.00
24.60
0.30
0.766
20.76
35.87
83
4.8
-25.95
-10.97
24.63
0.29
0.751
20.97
36.40
88
4.9
-26.63
-10.91
24.64
0.30
0.734
21.21
36.73
94
5.0
-27.06
-10.94
24.70
0.30
0.735
21.48
36.88
99
5.1
-27.57
-10.84
24.83
0.31
0.745
21.67
37.29
103
5.2
-28.33
-10.81
24.88
0.30
0.752
21.87
37.36
110
5.3
-28.76
-10.75
24.93
0.31
0.752
22.03
37.31
115
5.4
-29.41
-10.76
24.96
0.30
0.758
22.24
37.21
120
5.5
-30.15
-10.68
25.00
0.31
0.770
22.42
37.09
126
Item
Temp.
S11
(dB)
S22
(dB)
S21
(dB)
G/F
(dB)
NF
(dB)
P1dB
(dBm)
OIP3
(dBm)
Current
(mA)
- 40
C
-28.89
-10.62
25.31
0.26
0.483
21.78
37.33
96
- 20
C
-27.70
-10.72
25.19
0.28
0.558
21.89
37.16
97
0
C
-27.31
-10.67
25.12
0.26
0.641
21.71
37.06
99
25
C
-26.39
-10.78
24.94
0.27
0.723
21.58
36.89
100
40
C
-25.62
-10.77
24.80
0.28
0.770
21.50
36.68
101
60
C
-25.16
-10.74
24.61
0.28
0.886
21.32
36.29
102
80
C
-24.73
-10.63
24.41
0.28
1.059
21.00
35.56
102
100
C
-24.28
-10.63
24.20
0.27
1.147
20.68
34.62
101
RF Performance with Voltage Change
RF Performance with Operating Temperature



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com