Electronic Components Datasheet Search
  English  ▼

X  

ISL6530CBZ Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL6530CBZ
Description  Dual 5V Synchronous Buck Pulse-Width Modulator (PWM) Controller for DDRAM Memory VDDQ and VTT Termination
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6530CBZ Datasheet(HTML) 2 Page - Intersil Corporation

  ISL6530CBZ Datasheet HTML 1Page - Intersil Corporation ISL6530CBZ Datasheet HTML 2Page - Intersil Corporation ISL6530CBZ Datasheet HTML 3Page - Intersil Corporation ISL6530CBZ Datasheet HTML 4Page - Intersil Corporation ISL6530CBZ Datasheet HTML 5Page - Intersil Corporation ISL6530CBZ Datasheet HTML 6Page - Intersil Corporation ISL6530CBZ Datasheet HTML 7Page - Intersil Corporation ISL6530CBZ Datasheet HTML 8Page - Intersil Corporation ISL6530CBZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2
FN9052.2
November 15, 2004
Pinouts
24 LEAD (SOIC)
TOP VIEW
32 LEAD (QFN)
TOP VIEW
15
16
17
10
9
8
VREF_IN
PHASE2
SENSE2
FB2
VCC
GNDA
18
19
20
21
22
23
24
7
6
5
4
3
2
1
BOOT1
PHASE1
FB1
SENSE1
VREF
PGND1
PVCC1
OCSET/SD
V2_SD
PGOOD
COMP2
LGATE1
COMP1
UGATE1
13
14
12
11
UGATE2
LGATE2
PGND2
BOOT2
PHASE 1
VREF
FB1
COMP1
SENSE1
VREF_IN
GNDA
GNDA
PVCC1
OCSET/SD
V2_SD
PGOOD
COMP2
SENSE2
FB2
VCC
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
32
31
30
29
28
27
26
25
910
11
12
13
14
15
16
ISL6530



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com