Electronic Components Datasheet Search
  English  ▼

X  

KBJ Datasheet(PDF) 1 Page - YENYO TECHNOLOGY Co., Ltd

Part # KBJ
Description  Dimensions in inches and
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YENYO [YENYO TECHNOLOGY Co., Ltd]
Direct Link  http://www.yenyo.com.tw
Logo YENYO - YENYO TECHNOLOGY Co., Ltd

KBJ Datasheet(HTML) 1 Page - YENYO TECHNOLOGY Co., Ltd

  KBJ Datasheet HTML 1Page - YENYO TECHNOLOGY Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
KBJ
*Dimensions in inches and (millimeters)
.996(25.3)
.972(24.7)
.709(18)
.669(17)
.043(1.1)
.035(0.9)
.087(2.2)
.071(1.8)
.147(3.7)
.130(3.3)
.037(0.95)
.030(0.75)
.303(7.7)
.287(7.3)
.043(1.10)
.031(0.80)
.382(9.7)
.366(9.3)
.602(15.3)
.579(14.7)
+
-
AC


Similar Part No. - KBJ

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
KBJ10 NELLSEMI-KBJ10 Datasheet
238Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier, 10A
logo
Pan Jit International I...
KBJ1000 PANJIT-KBJ1000 Datasheet
114Kb / 2P
SILICON BRIDGE RECTIFIERS
logo
First Components Intern...
KBJ1000 FCI-KBJ1000 Datasheet
138Kb / 2P
10 Amps Single-Phase Silicon Bridge Rectifiers High surge current capability
logo
Sangdest Microelectroni...
KBJ10005 SMC-KBJ10005 Datasheet
188Kb / 4P
Ideal for printed circuit board
logo
Chongqing Pingwei Enter...
KBJ10005 CHONGQING-KBJ10005 Datasheet
203Kb / 2P
SINGLE PHASE10.0AMPS.GLASS PASSIVATED BRIDGE RECTIFIERS
More results

Similar Description - KBJ

ManufacturerPart #DatasheetDescription
logo
YENYO TECHNOLOGY Co., L...
DO-41 YENYO-DO-41 Datasheet
351Kb / 1P
Dimensions in inches and
D-PAK YENYO-D-PAK Datasheet
472Kb / 1P
Dimensions in inches and
GBPC-8 YENYO-GBPC-8 Datasheet
338Kb / 1P
Dimensions in inches and
GBPC-W YENYO-GBPC-W Datasheet
345Kb / 1P
Dimensions in inches and
HITACHI YENYO-HITACHI Datasheet
350Kb / 1P
Dimensions in inches and
KBPC-6 YENYO-KBPC-6 Datasheet
332Kb / 1P
Dimensions in inches and
MP-15 YENYO-MP-15 Datasheet
346Kb / 1P
Dimensions in inches and
RS-5 YENYO-RS-5 Datasheet
431Kb / 1P
Dimensions in inches and
SMC YENYO-SMC Datasheet
340Kb / 1P
Dimensions in inches and
TO-3P YENYO-TO-3P Datasheet
534Kb / 1P
Dimensions in inches and
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com