Electronic Components Datasheet Search
  English  ▼

X  

B520C Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # B520C
Description  Schottky Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

B520C Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  B520C Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd B520C Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
www.kexin.com.cn
1
Diodes
Schottky Diodes
B520C ~ B560C
■
Features
●
Ideally Suited for Automatic Assembly
●
Low Power Loss, High Efficiency
●
Surge Overload Rating to 175A Peak
●
Plastic Material - UL Flammability
●
Classification 94V-0
■
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
B520C
B530C
B540C
B550C
B560C
Unit
Repetitive Peak Reverse Voltage
VRRM
20
30
40
50
60
Working Peak Reverse Voltage
VRWm
20
30
40
50
60
Maximum DC Blocking Voltage
VDC
20
30
40
50
60
RMS Reverse Voltage
VRMS
14
21
28
35
42
Forward Voltage @ IF=5A
VF
Average Rectified Output Current @ TT=90℃
IFAV
Peak Forward Surge Current @ 8.3ms
IFSM
Maximum DC Reverse Current Ta=25℃
Ta=100℃
Typical Junction Capacitance (Note.1)
Cj
pF
Typical Thermal Resistance, Junction to Ambient
RθJA
Typical Thermal Resistance, Junction to Terminal
RθJT
Junction Temperature
Tj
Storage Temperature
Tstg
125
-55 to 150
℃
A
0.5
20
300
mA
℃
/W
50
IR
10
V
5
175
0.55
0.7
Note.1: Measured at 1MHz and applied reverse voltage of 4V D.C
2.007
2.616
1
2
7.112
6.604
8.128
7.747
6.223
5.588
3.250
2.743
6.18
5.98
4.69
4.49
7.67
7.47
3.07
3.27
1.524
0.762
0.203
0.051
0.305
0.152
Recommended
Land Pattern
DO-214AB(SMC)
Unit: mm
■
Marking
NO.
BC520C
BC530C
BC540C
BC550C
BC560C
Marking
BC520C
BC530C
BC540C
BC550C
BC560C


Similar Part No. - B520C

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B520C DIODES-B520C Datasheet
48Kb / 2P
5.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13012 Rev. C-2
B520C DIODES-B520C Datasheet
426Kb / 3P
5.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13012 Rev. 8 - 2
logo
Galaxy Semi-Conductor H...
B520C BILIN-B520C Datasheet
86Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Diodes Incorporated
B520C DIODES-B520C Datasheet
97Kb / 4P
5.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13012 Rev. 14 - 2
logo
Shenzhen Luguang Electr...
B520C LUGUANG-B520C Datasheet
187Kb / 2P
Surface Mount Schottky Barrier Rectifiers
More results

Similar Description - B520C

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
BAT17 GE-BAT17 Datasheet
81Kb / 1P
SCHOTTKY DIODES
BAT46 GE-BAT46 Datasheet
41Kb / 2P
Schottky Diodes
BAT54 GE-BAT54 Datasheet
51Kb / 2P
Schottky Diodes
BAT54WS GE-BAT54WS Datasheet
39Kb / 2P
SCHOTTKY DIODES
LL103A GE-LL103A Datasheet
131Kb / 3P
Schottky Diodes
LL41 GE-LL41 Datasheet
42Kb / 2P
Schottky Diodes
SD101A GE-SD101A Datasheet
107Kb / 3P
Schottky Diodes
logo
Microdiode Semiconducto...
BAT43WS CHENDA-BAT43WS Datasheet
108Kb / 2P
SCHOTTKY DIODES
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com