Electronic Components Datasheet Search
  English  ▼

X  

ISL6565ACB Datasheet(PDF) 16 Page - Intersil Corporation

Part # ISL6565ACB
Description  Multi-Phase PWM Controller with Precision rDS(ON) or DCR Current Sensing for VR10.X Application
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6565ACB Datasheet(HTML) 16 Page - Intersil Corporation

Back Button ISL6565ACB Datasheet HTML 12Page - Intersil Corporation ISL6565ACB Datasheet HTML 13Page - Intersil Corporation ISL6565ACB Datasheet HTML 14Page - Intersil Corporation ISL6565ACB Datasheet HTML 15Page - Intersil Corporation ISL6565ACB Datasheet HTML 16Page - Intersil Corporation ISL6565ACB Datasheet HTML 17Page - Intersil Corporation ISL6565ACB Datasheet HTML 18Page - Intersil Corporation ISL6565ACB Datasheet HTML 19Page - Intersil Corporation ISL6565ACB Datasheet HTML 20Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
16
The ISL6565A, ISL6565B checks the VID inputs six times
every switching cycle. If the VID code is found to have
changed, the controller waits half of a complete cycle before
executing a 12.5mV change. If during the half-cycle wait
period, the difference between the DAC level and the new
VID code changes sign, no change is made. If the VID code
is more than 1 bit higher or lower than the DAC (not
recommended), the controller will execute 12.5mV changes
six times per cycle until VID and DAC are equal. It is
important to carefully control the rate of VID stepping in 1-bit
increments.
In order to ensure the smooth transition of output voltage
during VID change, a VID step change smoothing network is
required for an ISL6565A, ISL6565B based voltage
regulator. This network is composed of a 1k
Ω internal
resistor between the output of DAC and the capacitor CREF,
between the REF pin and ground. The selection of CREF is
based on the time duration for 1 bit VID change and the
allowable delay time.
Assuming the microprocessor controls the VID change at 1
bit every TVID, the relationship between CREF and TVID is
given by Equation 15.
As an example, for a VID step change rate of 5
µs per bit, the
value of CREF is 22nF based on Equation 15.
Temperature Compensation
MOSFET rDS(ON) and inductor DCR are both susceptible to
changes in value due to temperature. Since output voltage
positioning is derived from the channel current sensed
across these two elements, any variation in resistance
results in a corresponding error in the output voltage.
The temperature coefficient,
α, of the rDS(ON) or DCR is the
parameter that determines how much the resistance varies
with temperature. As temperature increases above ambient,
the average sensed current, IAVG, changes in proportion to
the temperature coefficient and temperature rise as shown in
Equation 16.
With this resulting error, IAVG can now be described as the
sum of two parts, the average sensed current at ambient
temperature and the resulting error current, IERR, due to the
temperature rise.
In order to compensate for this error current, the ISL6565A,
ISL6565B includes a temperature compensation circuit that
injects a current, ITCOMP, into the FB pin. This current is
created by pushing the average sense current through a
selectable external resistor, RTCOMP.
As shown in Figure 10, the voltage drop developed across
RTCOMP is then sensed and multiplied by a known gain,
KTC, which is determined by the internal IC temperature.
This gain creates the temperature compensation current,
ITCOMP, that is injected into the FB pin.
Select RTCOMP such that ITCOMP equals IERR over the
entire range of operating temperature. The resulting droop
current accurately represents the load current; achieving a
linear, temperature-independant load line.
Initialization
Prior to initialization, proper conditions must exist on the
enable inputs and VCC. When the conditions are met, the
controller begins soft-start. Once the output voltage is within
the proper window of operation, the controller asserts
PGOOD.
Enable and Disable
While in shutdown mode, the PWM outputs are held in a
high-impedance state to assure the drivers remain off. The
following input conditions must be met before the ISL6565A,
ISL6565B is released from shutdown mode.
1. The bias voltage applied at VCC must reach the internal
power-on reset (POR) rising threshold. Once this
threshold is reached, proper operation of all aspects of
the ISL6565A, ISL6565B is guaranteed. Hysteresis
between the rising and falling thresholds assure that once
enabled, the ISL6565A, ISL6565B will not inadvertently
turn off unless the bias voltage drops substantially (see
Electrical Specifications).
CREF
0.004X TVID
=
(EQ. 15)
IAVG
IAVG T
AMBIENT
()
1
α TT
AMBIENT
–
()
+
[]
⋅
=
(EQ. 16)
IERR T
()
IAVG T
AMBIENT
() α
TTAMBIENT
–
()
⋅⋅
=
(EQ. 17)
FB
RFB
ISL6565A, ISL6565B
FIGURE 10. TEMPERATURE COMPENSATION CIRCUITRY
VDROOP
+
-
KTC
RTCOMP
TCOMP
IAVG
IAVG
ITCOMP
VDIFF
IDROOP
ITCOMP
KTC T25
–
() I
AVG RTCOMP
⋅⋅
⋅
=
(EQ. 18)
ISL6565A, ISL6565B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com