Electronic Components Datasheet Search
  English  ▼

X  

BAT54CDW Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # BAT54CDW
Description  Schottky Diodes
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BAT54CDW Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  BAT54CDW Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
www.kexin.com.cn
1
Diodes
Schottky Diodes
BAT54ADW /BRW /CDW /SDW /TW
(KAT54ADW /BRW /CDW /SDW /TW)
■
Features
●
Low Forward Voltage Drop
●
Fast Switching
●
Small Surface Mount Package
●
PN Junction Guard Ring for Transient and ESD Protection
BAT54ADW
BAT54BRW
BAT54CDW
BAT54SDW
BAT54TW
■
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Rating
Unit
Repetitive Peak Reverse Voltage
VRRM
Peak Working Reverse Voltage
VRWM
DC Blocking Voltage
VR
Forward Current
IO
200
Repetitive Peak Forward Current
IFRM
300
Non-repetitive Peak Forward Surge Current @t≤1s
IFSM
600
Power Dissipation
Pd
200
mW
Thermal Resistance Junction to Ambient
RθJA
500
℃
/W
Junction Temperature
TJ
125
Storage Temperature range
Tstg
-55 to 150
℃
30
V
mA
■
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Reverse breakdown voltage
VBR
IR= 100 uA
30
VF1
IF= 1 mA
0.32
VF2
IF= 10 mA
0.4
VF3
IF= 30 mA
0.5
VF4
IF= 100 mA
1
Reverse voltage leakage current
IR
VR= 25 V
2
uA
Junction capacitance
Cj
VR= 1V, f= 1 MHz
10
pF
Reverse recovery time
trr
IF=IR=10mA,Irr=0.1xIR, RL=100Ω
5
ns
Forward voltage
V
■
Marking
NO.
BAT54ADW
BAT54BRW
BAT54CDW
BAT54SDW
BAT54TW
Marking
KL6
KLB
KL7
KL8
KLA


Similar Part No. - BAT54CDW

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAT54CDW DIODES-BAT54CDW Datasheet
83Kb / 4P
Sub-miniature Schottky Diodes & Arrays in
BAT54CDW DIODES-BAT54CDW Datasheet
47Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
DS30152 Rev. 7 - 2
logo
Weitron Technology
BAT54CDW WEITRON-BAT54CDW Datasheet
533Kb / 4P
Surface Mount Schottky Barrier Diodes Arrays
logo
Diodes Incorporated
BAT54CDW DIODES-BAT54CDW Datasheet
94Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
DS30152 Rev. 11 - 2
logo
TRANSYS Electronics Lim...
BAT54CDW TEL-BAT54CDW Datasheet
130Kb / 1P
SCHOTTKY DIODE
More results

Similar Description - BAT54CDW

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
BAT17 GE-BAT17 Datasheet
81Kb / 1P
SCHOTTKY DIODES
BAT46 GE-BAT46 Datasheet
41Kb / 2P
Schottky Diodes
BAT54 GE-BAT54 Datasheet
51Kb / 2P
Schottky Diodes
BAT54WS GE-BAT54WS Datasheet
39Kb / 2P
SCHOTTKY DIODES
LL103A GE-LL103A Datasheet
131Kb / 3P
Schottky Diodes
LL41 GE-LL41 Datasheet
42Kb / 2P
Schottky Diodes
SD101A GE-SD101A Datasheet
107Kb / 3P
Schottky Diodes
logo
Microdiode Semiconducto...
BAT43WS CHENDA-BAT43WS Datasheet
108Kb / 2P
SCHOTTKY DIODES
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com